Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7937 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT7937
Description  12-BIT, 28 MSPS, 170 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7937 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button SPT7937 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
3/5/02
SPT7937
Figure 2 – Typical Interface Circuit
U1
(DUT)
+D3/5V
+
+
DVDD2
VRLF
VRHF
VRHS
RGND
VIN
VINR
DGND
AVDD
DVDD
CLK
DGND
VRLS
OGND
OVDD
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D0
D12
1
28
Ext VREF
(+4 V)
AIN
+A5
CLK IN
MSB
LSB
+D3/5V
FB
+
Notes:
1) Unless otherwise specified, all non-polarized capacitors are 0.01 microfarad
surface-mount chip capacitors. They need to be placed as close to the pin as possible
2) All polarized capacitors are 4.7 to 10 microfarad tantalum surface-mount capacitors
3) FB is a ferrite bead. Place FB as close to the DUT as possible
4) U1 is TOKO regulator TK11240B (4.0 V)
Out of Range Bit
AGND
+A5
+
10 F
+A5
+A5
TK11240B
U1
DGND
+D3/5
+
10 F
+D3/5
TYPICAL INTERFACE CIRCUIT
Very few external components are required to achieve the
stated device performance. Figure 2 shows the typical in-
terface requirements when using the SPT7937 in normal
circuit operation. The following sections provide descrip-
tions of the major functions and outline critical perfor-
mance criteria to consider for achieving the optimal device
performance.
POWER SUPPLIES AND GROUNDING
DD
log (AVDD) supply voltages on the SPT7937 be derived
from a single analog supply as shown in figure 2. A sepa-
rate digital supply should be used for the digital output
driver supply (OVDD
suggests using this power supply configuration to prevent
a possible latch-up condition on power up. In addition, the
power supplies must be powered up before the analog in-
put is applied.
) and all interface circuitry. CADEKA
CADEKA suggests that both the digital (DV
) and the ana-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com