Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7937 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7937
Description  12-BIT, 28 MSPS, 170 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7937 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7937 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
3/5/02
SPT7937
TYPICAL PERFORMANCE CHARACTERISTICS
THD, SNR, SINAD vs Input Frequency
THD, SNR, SINAD vs Sample Rate
THD, SNR, SINAD vs Temperature
SFDR vs Temperature
Input Bandwidth
IDD vs Sample Rate
65
60
55
50
45
75
70
0
5
10
15
20
THD
SNR
SINAD
Input Frequency (MHz)
80
70
60
50
40
30
90
0
10
30
50
THD
SNR
SINAD
Sample Rate (MSPS)
520
40
1
70
65
60
55
–55
–40
0
25
70
85
125
THD
SNR
SINAD
Temperature (°C)
85
80
75
70
65
60
55
–55
–40
0
25
70
85
125
Temperature (°C)
85
80
75
–10
–15
–20
–25
–30
0
–5
100
200
300
400
1000
Frequency (MHz)
500
25
20
15
10
5
0
30
10–1
Sample Rate (MSPS)
100
101
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com