Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7937 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # SPT7937
Description  12-BIT, 28 MSPS, 170 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7937 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button SPT7937 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
3/5/02
SPT7937
PIN ASSIGNMENTS
PIN FUNCTIONS
Name
Function
OVDD
Digital Output Driver Supply
D0–D11
Data Output, Bits 0 – Bit 11
D12
Out of Range
OGND
Digital Output Driver Ground
DGND
Digital Ground
CLK
Input Clock
DVDD1
Digital VDD
DVDD2
Digital VDD; must be tied to DVDD1
AVDD
Analog VDD
AGND
Analog Ground
VINR
Analog Input Return
VIN
Analog Input, Full Scale from VRLS to VRHS
RGND
Analog Ground Shield (Junction Isolated)
VRHS
Reference High Sense
VRHF
Reference High Force (VRHF≤AVDD)
VRLS
Reference Low Sense
VRLF
Reference Low Force
128
2
27
326
4
25
524
6
23
722
8
21
9
20
10
19
11
18
12
17
13
16
14
15
OVDD
D0 (LSB)
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11 (MSB)
D12
OGND
DGND
CLK
DVDD1
AVDD
AGND
VINR
VIN
RGND
VRHS
VRHF
VRLF
VRLS
28L SSOP
DVDD2
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
SPT7937SIR
–40 to +85 °C
28L SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com