Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9731 Datasheet (PDF) - Analog Devices

AD9731 Datasheet PDF - Analog Devices
Part # AD9731
Download  AD9731 Download
File Size   149.48 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 170 MSPS D/A Converter

AD9731 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9731 Datasheet PDF - Analog Devices

Part # AD9731
Download  AD9731 Click to download

File Size   149.48 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 170 MSPS D/A Converter

AD9731 Datasheet (HTML) - Analog Devices


AD9731 Product details

GENERAL DESCRIPTION
The AD9731 is a 10-bit, 170 MSPS, bipolar D/A converter that is optimized to provide high dynamic performance, yet offer lower power dissipation and more economical pricing than afforded by previous bipolar high performance DAC solutions.

FEATURES
    170 MSPS Update Rate
    TTL/High Speed CMOS-Compatible Inputs
    Wideband SFDR: 66 dB @ 2 MHz/50 dB @ 65 MHz
    Pin-Compatible, Lower Cost Replacement for Industry Standard AD9721 DAC
    Low Power: 439 mW @ 170 MSPS
    Fast Settling: 3.8 ns to 1/2 LSB
    Internal Reference
    Two Package Styles: 28-Lead SOIC and SSOP

APPLICATIONS
    Digital Communications
    Direct Digital Synthesis
    Waveform Reconstruction
    High Speed Imaging
    5 MHz to 65 MHz HFC Upstream Path




Similar Part No. - AD9731

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
91Kb / 5P
10-Bit, 170 MSPS, DAC
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
10-Bit, 170 MSPS D/A Converter
REV. B
AD9731 AD-AD9731_17 Datasheet
91Kb / 5P
10-Bit, 170 MSPS, DAC
More results


Similar Description - AD9731

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9430 AD-AD9430 Datasheet
1Mb / 20P
12-Bit, 170 MSPS 3.3V A/D Converter
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9411 AD-AD9411 Datasheet
968Kb / 28P
10-Bit, 170/200 MSPS 3.3 V A/D Converter
7/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9211 AD-AD9211 Datasheet
296Kb / 21P
10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
logo
Cadeka Microcircuits LL...
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
10-Bit, 170 MSPS D/A Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com