Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9731 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9731
Description  10-Bit, 170 MSPS D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9731 Datasheet(HTML) 2 Page - Analog Devices

  AD9731 Datasheet HTML 1Page - Analog Devices AD9731 Datasheet HTML 2Page - Analog Devices AD9731 Datasheet HTML 3Page - Analog Devices AD9731 Datasheet HTML 4Page - Analog Devices AD9731 Datasheet HTML 5Page - Analog Devices AD9731 Datasheet HTML 6Page - Analog Devices AD9731 Datasheet HTML 7Page - Analog Devices AD9731 Datasheet HTML 8Page - Analog Devices AD9731 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
–2–
REV. A
AD9731–SPECIFICATIONS
5/27/99 8 PM
(+VS = +5 V, –VS = –5.2 V, CLOCK = 125 MHz, RSET = 1.96 k
for 20.4 mA IOUT,
VREF = –1.25 V, unless otherwise noted.)
Parameter
Temp
Test Level
Min
Typ
Max
Units
RESOLUTION
10
Bits
THROUGHPUT RATE
+25
°C
IV
165
170
MHz
DC ACCURACY
Differential Nonlinearity
+25
°C
I
0.25
1
LSB
Full
VI
0.35
1.5
LSB
Integral Nonlinearity
+25
°C
I
0.6
1
LSB
Full
VI
0.7
1.5
LSB
INITIAL OFFSET ERROR
Zero-Scale Offset Error
+25
°C
I
35
70
µA
Full
VI
40
100
µA
Full-Scale Gain Error
1
+25
°C
I
2.5
5
% FS
Full
VI
2.5
5
% FS
Offset Drift Coefficient
V
0.04
µA/°C
REFERENCE/CONTROL AMP
Internal Reference Voltage
2
+25
°C
I
–1.35
–1.25
–1.15
V
Internal Reference Voltage Drift
Full
IV
100
µV/°C
Internal Reference Output Current3
Full
VI
–50
+500
µA
Amplifier Input Impedance
+25
°CV
50
k
Ω
Amplifier Bandwidth
+25
°C
V
2.5
MHz
REFERENCE INPUT
4
Reference Input Impedance
+25
°C
V
4.6
k
Ω
Reference Multiplying Bandwidth5
+25
°C
V
75
MHz
OUTPUT PERFORMANCE
Output Current
4, 6
+25
°CV
20
mA
Output Compliance
+25
°C
IV
–1.5
+3
V
Output Resistance
+25
°C
V
240
Ω
Output Capacitance
+25
°CV
5
pF
Voltage Settling Time to 1/2 LSB (tST)
7
+25
°C
V
3.8
ns
Propagation Delay (tPD)
8
+25
°C
V
2.9
ns
Glitch Impulse
9
+25
°C
V
4.1
pVs
Output Slew Rate
10
+25
°C
V
400
V/
µs
Output Rise Time
10
+25
°CV
1
ns
Output Fall Time
10
+25
°CV
1
ns
DIGITAL INPUTS
Input Capacitance
Full
IV
2
pF
Logic “1” Voltage
Full
VI
2.0
V
Logic “0” Voltage
Full
VI
0.8
V
Logic “1” Current
+25
°CVI
8
50
µA
Logic “0” Current
+25
°C
VI
30
100
µA
Minimum Data Setup Time (tS)
11
+25
°C
IV
1.2
2
ns
Full
IV
1.5
2.5
ns
Minimum Data Hold Time (tH)
12
+25
°C
IV
0.1
1.0
ns
Full
IV
0.1
1.0
ns
Clock Pulsewidth Low (pwMIN)
+25
°CIV
2
ns
Clock Pulsewidth High (pwMAX)
+25
°CIV
2
ns
SFDR PERFORMANCE (Wideband)
13
2 MHz AOUT
+25
°CV
66
dB
10 MHz AOUT
+25
°CV
62
dB
20 MHz AOUT
+25
°CV
61
dB
40 MHz AOUT
+25
°CV
55
dB
65 MHz AOUT (Clock = 170 MHz)
+25
°CV
50
dB
70 MHz AOUT (Clock = 170 MHz)
+25
°CV
47
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com