Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7938 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7938 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7938
Download  SPT7938 Download
File Size   185.82 Kbytes
Page   10 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 40 MSPS, 170 mW A/D CONVERTER

SPT7938 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7938 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7938
Download  SPT7938 Click to download

File Size   185.82 Kbytes
Page   10 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 40 MSPS, 170 mW A/D CONVERTER

SPT7938 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7938 Product details

GENERAL DESCRIPTION
The SPT7938 is a 12-bit monolithic, low-cost, low-power analog-to-digital converter capable of minimum word rates of 40 MSPS. The on-chip track-and-hold function assures very good dynamic performance without the need for external components. The input drive requirements are minimized due to the SPT7938’s low input capacitance of only 20 pF.

FEATURES
• Monolithic 40 MSPS Analog-to-Digital Converter
• 170 mW Power Dissipation
• On-Chip Track-and-Hold
• Single +5 V Power Supply
• TTL/CMOS Outputs
• 20 pF Input Capacitance
• Selectable +3 V or +5 V Logic I/O

APPLICATIONS
• All High-Speed Applications Where Low Power Dissipation Is Required
• Video Imaging
• Medical Imaging
• Radar Receivers
• IR Imaging
• Digital Communications




Similar Part No. - SPT7938

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7935 FAIRCHILD-SPT7935 Datasheet
54Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7935 CADEKA-SPT7935 Datasheet
156Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7935SIT FAIRCHILD-SPT7935SIT Datasheet
54Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7935SIT CADEKA-SPT7935SIT Datasheet
156Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7936 FAIRCHILD-SPT7936 Datasheet
59Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
More results


Similar Description - SPT7938

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Analog Devices
AD9430 AD-AD9430 Datasheet
1Mb / 20P
12-Bit, 170 MSPS 3.3V A/D Converter
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
National Semiconductor ...
ADC08351 NSC-ADC08351_03 Datasheet
519Kb / 17P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
8-Bit, 42 MSPS, 40 mW A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com