Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7935SIT Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7935SIT Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7935SIT
Download  SPT7935SIT Download
File Size   156.42 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 20 MSPS, 79 mW A/D CONVERTER

SPT7935SIT Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7935SIT Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7935SIT
Download  SPT7935SIT Click to download

File Size   156.42 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 20 MSPS, 79 mW A/D CONVERTER

SPT7935SIT Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7935SIT Product details

GENERAL DESCRIPTION
The SPT7935 12-bit, 20 MSPS analog-to-digital converter has a pipelined converter architecture built in a CMOS process. It delivers high performance with a typical power dissipation of only 79 mW. With low distortion and high dynamic range, this device offers the performance needed for imaging, multimedia, telecommunications and instrumentation applications.
The SPT7935 is available in a 44-lead Thin Quad Flat Pack (TQFP) package in the industrial temperature range (–40 to +85 °C).

FEATURES
• 12-Bit, 20 MSPS Analog-to-Digital Converter
• Monolithic CMOS
• Internal Track-and-Hold
• Low Input Capacitance: 1.4 pF
• Low Power Dissipation: 79 mW
• 2.8 – 3.6 V Power Supply Range
• TTL-Compatible Outputs

APPLICATIONS
• CCD Imaging Cameras and Sensors
• Medical Imaging
• RF Communications
• Document and Film Scanners
• Electro-Optics
• Transient Signal Analysis
• Handheld Equipment




Similar Part No. - SPT7935SIT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7935SIT FAIRCHILD-SPT7935SIT Datasheet
54Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
More results


Similar Description - SPT7935SIT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7935 FAIRCHILD-SPT7935 Datasheet
54Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
14-Bit, 20 MSPS, 150 mW A/D Converter
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
10-BIT, 20 MSPS, 140 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
12 BIT 20 MSPS A/D CONVERTER
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com