Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7734 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7734 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7734
Download  SPT7734 Download
File Size   191.78 Kbytes
Page   9 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 8-BIT, 40 MSPS,175 mW A/D CONVERTER

SPT7734 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7734 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7734
Download  SPT7734 Click to download

File Size   191.78 Kbytes
Page   9 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 8-BIT, 40 MSPS,175 mW A/D CONVERTER

SPT7734 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7734 Product details

GENERAL DESCRIPTION
The SPT7734 is a 8-bit monolithic, low cost, ultralow power analog-to-digital converter capable of minimum word rates of 40 MSPS. The on-chip track-and-hold function assures very good dynamic performance without the need for external components. The input drive requirements are minimized due to the SPT7734s low input capacitance of only 5 pF.

FEATURES
• Monolithic 40 MSPS Converter
• 175 mW Power Dissipation
• On-Chip Track-and-Hold
• Single +5 V Power Supply
• TTL/CMOS Outputs
• 5 pF Input Capacitance
• Low Cost
• Tri-State Output Buffers
• High ESD Protection: 3,500 V Minimum
• Selectable +3 V or +5 V Logic I/O

APPLICATIONS
• All High-Speed Applications Where Low Power Dissipation is Required
• Video Imaging
• Medical Imaging
• Radar Receivers
• IR Imaging
• Digital Communications




Similar Part No. - SPT7734

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7734SCS FAIRCHILD-SPT7734SCS Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7734SCT FAIRCHILD-SPT7734SCT Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
More results


Similar Description - SPT7734

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC08351 NSC-ADC08351_03 Datasheet
519Kb / 17P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
8-Bit, 42 MSPS, 40 mW A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com