Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7734 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT7734
Description  8-BIT, 40 MSPS,175 mW A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7734 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT7734 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
1/27/98
SPT7734
Figure 1A: Timing Diagram 1
DESCRIPTION
PARAMETERS
MIN
TYP
MAX
UNITS
Conversion Time
tC
tCLK
ns
Clock Period
tCLK
25
ns
Clock High Duty Cycle
tCH
40
50
60
%
Clock Low Duty Cycle
tCL
40
50
60
%
Clock to Output Delay (15 pF Load)
tOD
17
ns
Clock to DAV
tS
10
ns
Table I - Timing Parameters
Figure 1B: Timing Diagram 2
ANALOG IN
CLOCK IN
1
3
5
7
9
11
13
15
17
SAMPLING
CLOCK
(Internal)
DATA OUTPUT
DATA VALID
VALID
INVALID
13
24
5
tOD
tCL
tCH
tC
tCLK
Data Ø
Data 1
Data 2
Data 3
CLOCK IN
DATA
OUTPUT
DATA
VALID
tS
tCH
tCL
tS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com