Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7734 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7734
Description  8-BIT, 40 MSPS,175 mW A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7734 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7734 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
1/27/98
SPT7734
ELECTRICAL SPECIFICATIONS
TA=TMAX to TMAX, AVDD=DVDD=+5.0 V, VIN=0 to 4 V, fS=40 MSPS, VRHS=4.0 V, VRLS=0.0 V, unless otherwise specified.
TEST
TEST
SPT7734
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Resolution
8
Bits
DC Accuracy
Integral Nonlinearity
IV
±1.0
LSB
Differential Nonlinearity
IV
±0.5
LSB
No Missing Codes
VI
Guaranteed
Analog Input
Input Voltage Range
VI
VRLS
VRHS
V
Input Resistance
IV
50
k
Ω
Input Capacitance
V
5.0
pF
Input Bandwidth
(Small Signal)
V
250
MHz
Offset
V
±2.0
LSB
Gain Error
V
±2.0
LSB
Reference Input
Resistance
VI
300
500
600
Ω
Bandwidth
V
100
150
MHz
Voltage Range
VRLS
IV
0
-
2.0
V
VRHS
IV
3.0
-
AVDD
V
VRHS - VRLS
V
1.0
4.0
5.0
V
∆(VRHF - VRHS)V
90
mV
∆(VRLS - VRLF)V
75
mV
Reference Settling Time
VRHS
V15
Clock Cycles
VRLS
V20
Clock Cycles
Conversion Characteristics
Maximum Conversion Rate
VI
40
MHz
Minimum Conversion Rate
IV
2
MHz
Pipeline Delay (Latency)
IV
12
Clock Cycles
Aperture Delay Time
V
4.0
ns
Aperture Jitter Time
V
30
ps(p-p)
Dynamic Performance
Effective Number of Bits
fIN=3.58 MHz
VI
7.3
7.8
Bits
fIN=10.3 MHz
VI
7.2
7.7
Bits
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Note:
1.
Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal
applied conditions in typical applications.
Supply Voltages
AVDD ......................................................................... +6 V
DVDD ........................................................................ +6 V
Input Voltages
Analog Input .................................. -0.5 V to AVDD +0.5 V
VREF ............................................................................0 to AVDD
CLK Input .................................................................. VDD
AVDD - DVDD ............................................................... ±100 mV
AGND - DGND ...................................................
±100 mV
Output
Digital Outputs ....................................................... 10 mA
Temperature
Operating Temperature ................................. 0 to +70
°C
Junction Temperature ......................................... +175
°C
Lead Temperature, (soldering 10 seconds) ........ +300
°C
Storage Temperature ................................ -65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com