Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7734 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7734
Description  8-BIT, 40 MSPS,175 mW A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7734 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7734 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SPT7734
8-BIT, 40 MSPS,175 mW A/D CONVERTER
FEATURES
• Monolithic 40 MSPS Converter
• 175 mW Power Dissipation
• On-Chip Track-and-Hold
• Single +5 V Power Supply
• TTL/CMOS Outputs
• 5 pF Input Capacitance
• Low Cost
• Tri-State Output Buffers
• High ESD Protection: 3,500 V Minimum
• Selectable +3 V or +5 V Logic I/O
APPLICATIONS
• All High-Speed Applications Where
Low Power Dissipation is Required
• Video Imaging
• Medical Imaging
• Radar Receivers
• IR Imaging
• Digital Communications
GENERAL DESCRIPTION
The SPT7734 is a 8-bit monolithic, low cost, ultralow power
analog-to-digital converter capable of minimum word rates
of 40 MSPS. The on-chip track-and-hold function assures
very good dynamic performance without the need for exter-
nal components. The input drive requirements are mini-
mized due to the SPT7734's low input capacitance of only
5 pF.
Power dissipation is extremely low at only 175 mW typical at
40 MSPS with a power supply of +5.0 V. The digital outputs
are +3 V or +5 V, and are user selectable. The SPT7734 has
incorporated proprietary circuit design and CMOS process-
ing technologies to achieve its advanced performance. In-
puts and outputs are TTL/CMOS compatible to interface with
TTL/CMOS logic systems. Output data format is straight
binary.
The SPT7734 is available in 28-lead SOIC and 32-lead small
(7 mm square) TQFP packages over the commercial tem-
perature range.
..
.
9-Bit
SAR
DAC
ADC Section 1
T/H
9
9-Bit
SAR
DAC
ADC Section 16
Auto-
Zero
CMP
Auto-
Zero
CMP
T/H
9
VREF
1:16
Mux
.
.
.
9
9
9
9
9-Bit
16:1
Mux/
Error
Correction
Timing
and
Control
P1
P2
P15
P16
ADC Section 2
ADC Section 15
.
.
.
Reference Ladder
Ref
In
Enable
CLK In
Data
Vali
d
AIN
.
.
.
D8 Overrange
D7 (MSB)
D6
D5
D4
D3
D2
D1
DØ (LSB)
BLOCK DIAGRAM


Similar Part No. - SPT7734

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7734SCS FAIRCHILD-SPT7734SCS Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7734SCT FAIRCHILD-SPT7734SCT Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
More results

Similar Description - SPT7734

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC08351 NSC-ADC08351_03 Datasheet
519Kb / 17P
8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
8-Bit, 42 MSPS, 40 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com