Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7860 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7860 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7860
Download  SPT7860 Download
File Size   193.09 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 40 MSPS, 175 mW A/D CONVERTER

SPT7860 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7860 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7860
Download  SPT7860 Click to download

File Size   193.09 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 10-BIT, 40 MSPS, 175 mW A/D CONVERTER

SPT7860 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7860 Product details

GENERAL DESCRIPTION
The SPT7860 is a 10-bit monolithic, low-cost, ultralow power analog-to-digital converter capable of minimum word rates of 40 MSPS. The on-chip track-and-hold function assures very good dynamic performance without the need for external components. The input drive require ments are minimized due to the SPT7860’s low input capacitance of only 5 pF.

FEATURES
• Monolithic 40 MSPS converter
• 175 mW power dissipation
• On-chip track-and-hold
• Single +5 V power supply
• TTL/CMOS outputs
• 5 pF input capacitance
• Low cost
• Tri-state output buffers
• High ESD protection: 3,500 V minimum
• Selectable +3 V or +5 V logic I/O

APPLICATIONS
• All high-speed applications where low power dissipation is required
• Video imaging
• Medical imaging
• Radar receivers
• IR imaging
• Digital communications




Similar Part No. - SPT7860

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7860SCS FAIRCHILD-SPT7860SCS Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7860SCT FAIRCHILD-SPT7860SCT Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
More results


Similar Description - SPT7860

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC10D040 NSC-ADC10D040 Datasheet
991Kb / 28P
Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com