Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC10D040 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
ADC10D040 Datasheet PDF - National Semiconductor (TI)
Part # ADC10D040
Download  ADC10D040 Download
File Size   991.13 Kbytes
Page   28 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 10-Bit, 40 MSPS, 267 mW A/D Converter

ADC10D040 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC10D040 Datasheet PDF - National Semiconductor (TI)

Part # ADC10D040
Download  ADC10D040 Click to download

File Size   991.13 Kbytes
Page   28 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 10-Bit, 40 MSPS, 267 mW A/D Converter

ADC10D040 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - ADC10D040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D040 TI1-ADC10D040 Datasheet
1Mb / 32P
ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC10D040CIVS TI1-ADC10D040CIVS Datasheet
1Mb / 32P
ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC10D040CIVS/NOPB TI1-ADC10D040CIVS/NOPB Datasheet
1Mb / 32P
ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC10D040 TI1-ADC10D040_14 Datasheet
1Mb / 32P
ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
More results


Similar Description - ADC10D040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9203 AD-AD9203 Datasheet
216Kb / 19P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV.0
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
logo
Texas Instruments
ADC10D040 TI1-ADC10D040_14 Datasheet
1Mb / 32P
ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com