Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7734 Datasheet(PDF) 7 Page - Cadeka Microcircuits LLC.

Part # SPT7734
Description  8-BIT, 40 MSPS,175 mW A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7734 Datasheet(HTML) 7 Page - Cadeka Microcircuits LLC.

  SPT7734 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
1/27/98
SPT7734
CLOCK INPUT
The SPT7734 is driven from a single-ended TTL-input clock.
Because the pipelined architecture operates on the rising edge of
the clock input, the device can operate over a wide range of input
clock duty cycles without degrading the dynamic performance.
DIGITAL OUTPUTS
The digital outputs (D0-D8) are driven by a separate supply
(OVDD) ranging from +3 V to +5 V. This feature makes it
possible to drive the SPT7734's TTL/CMOS-compatible out-
puts with the user's logic system supply. The format of the
output data (D0-D7) is straight binary. (See table III.) The
outputs are latched on the rising edge of CLK. These outputs
can be switched into a tri-state mode by bringing
EN high.
Table III - Output Data Information
ANALOG INPUT
OVERRANGE
OUTPUT CODE
D8
D7-D0
+F.S. + 1/2 LSB
1
1111
1111
+F.S. -1/2 LSB
O
1111
111Ø
+1/2 F.S.
O
ØØØØ ØØØØ
+1/2 LSB
O
OOOO OOOØ
0.0 V
O
OOOO OOOO
(Ø indicates the flickering bit between logic 0 and 1).
DO NOT CONNECT PINS (DNC)
There are two pins designated as Do Not Connect (DNC).
These pins must be left floating for proper operation of the
device.
OVERRANGE OUTPUT
The OVERRANGE OUTPUT (D8) is an indication that the
analog input signal has exceeded the positive full scale input
voltage by 1 LSB. When this condition occurs, D8 will switch
to logic 1. All other data outputs (D0 to D7) will remain at
logic 1 as long as D8 remains at logic 1. This feature makes
it possible to include the SPT7734 into higher resolution
systems.
Figure 4 - Recommended Input Protection Circuit
47
Ω
D1
D2
ADC
Buffer
AVDD
+V
-V
D1 = D2 = Hewlett Packard HP5712 or equivalent
Figure 5 - On-Chip Protection Circuit
VDD
Analog
Pad
120
Ω
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com