Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7734 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7734
Description  8-BIT, 40 MSPS,175 mW A/D CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7734 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7734 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7734 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
1/27/98
SPT7734
TYPICAL INTERFACE CIRCUIT
Very few external components are required to achieve the
stated device performance. Figure 1 shows the typical inter-
face requirements when using the SPT7734 in normal circuit
operation. The following sections provide descriptions of the
major functions and outline critical performance criteria to
consider for achieving the optimal device performance.
Figure 1 - Typical Interface Circuit
The high sample rate is achieved by using multiple SAR ADC
sections in parallel, each of which samples the input signal in
sequence. Each ADC uses 16 clock cycles to complete a
conversion. The clock cycles are allocated as follows:
Table II - Clock Cycles
Clock
Operation
1
Reference zero sampling
2
Auto-zero comparison
3
Auto-calibrate comparison
4
Input sample
5-15
9-bit SAR conversion
16
Data transfer
The 16 phase clock, which is derived from the input clock,
synchronizes these events. The timing signals for adjacent
ADC sections are shifted by one clock cycle so that the analog
input is sampled on every cycle of the input clock by exactly
one ADC section. After 16 clock periods, the timing cycle
repeats. The latency from analog input sample to the corre-
sponding digital output is 12 clock cycles.
• Since only 16 comparators are used, a huge power savings
is realized.
• The auto-zero operation is done using a closed loop
system that uses multiple samples of the comparators
response to a reference zero.
• The auto-calibrate operation, which calibrates the gain
of the MSB reference and the LSB reference, is also
done with a closed loop system. Multiple samples of the
gain error are integrated to produce a calibration voltage for
each ADC section.
• Capacitive displacement currents, which can induce sam-
pling error, are minimized since only one comparator
samples the input during a clock cycle.
• The total input capacitance is very low since sections of the
converter which are not sampling the signal are isolated
from the input by transmission gates.
VOLTAGE REFERENCE
The SPT7734 requires the use of a single external voltage
reference for driving the high side of the reference ladder. It
must be within the range of 3 V to 5 V. The lower side of the
ladder is typically tied to AGND (0.0 V), but can be run up to
2.0 V with a second reference. The analog input voltage
range will track the total voltage difference measured be-
tween the ladder sense lines, VRHS and VRLS.
Force and sense taps are provided to ensure accurate and
stable setting of the upper and lower ladder sense line
voltages across part-to-part and temperature variations. By
using the configuration shown in figure 2, offset and gain
errors of less than
±2 LSB can be obtained.
POWER SUPPLIES AND GROUNDING
voltages on the SPT7734 be derived from a single analog
supply as shown in figure 1. A separate digital supply should
this power supply configuration to prevent a possible latch-
up condition on power up.
OPERATING DESCRIPTION
The general architecture for the CMOS ADC is shown in the
block diagram. The design contains 16 identical successive
approximation ADC sections, all operating in parallel, a 16-
phase clock generator, an 9-bit 16:1 digital output multi-
plexer, correction logic, and a voltage reference generator
which provides common reference levels for each ADC section.
VRHF
VRLS
VRLF
VRHS
VIN
CLK
VCAL
DAV
D8
D0
EN
AVDD
AGND
DGND* DVDD
Ref In
(+4 V)
VIN
CLK IN
Enable/Tri-State
(Enable = Active Low)
Interfacing
Logics
+D5
SPT7734
DGND
+
10 µF
+5 V
Digital
+5 V
Digital
RTN
+D5
FB3
NOTES: 1) FB3 is to be located as closely to the device as possible.
2) There should be no additional connections to the right of FB1 and FB2.
3) All capacitors are 0.1 µF surface-mount unless otherwise specified.
4) FB1, FB2 and FB3 are 10 µH inductors or ferrite beads.
FB1
FB2
+A5
AGND
+
10 µF
+5 V
Analog
+5 V
Analog
RTN
+A5
*To reduce the possibility of latch-up, avoid
connecting the DGND pins of the ADC to the
digital ground of the system.
CADEKA suggests that both the digital and the analog supply
be used for all interface circuitry. CADEKA suggests using



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com