Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7938 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7938
Description  12-BIT, 40 MSPS, 170 mW A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7938 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7938 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7938 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
5/24/00
SPT7938
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, VDD=+5.0 V, ƒS=40 MSPS, VIN=0 to 4 V, VRHS=4.0 V, VRLS=0.0 V, unless otherwise specified.
TEST
TEST
SPT7938
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Resolution
12
Bits
DC Accuracy
Integral Nonlinearity
V
±3
LSB
Differential Nonlinearity
V
±1
LSB
No Missing Codes
VI
Guaranteed
Analog Input
Input Voltage Range
VI
VRLS
VRHS
V
Input Resistance
V
25
k
Ω
Input Capacitance
V
5.0
pF
Input Bandwidth
VIN = 2 VPP
V
250
MHz
–Full-Scale Error1
V
0.035
%FS
+Full-Scale Error1
V
–0.12
%FS
Conversion Characteristics
Maximum Conversion Rate
VI
40
MHz
Minimum Conversion Rate
V
1
MHz
Pipeline Delay (Latency)
IV
14
Clock Cycles
Aperture Delay Time
V
1.0
ns
Aperture Jitter Time
V
5.0
ps(p-p)
Over-Voltage Recovery Time2
25
ns
Reference Input
Resistance
VI
420
465
520
Ω
Voltage Range
VRHS
IV
3.0
VDD
V
VRLS
IV
0.0
2.0
V
VRHS – VRLS
V
2.0
4.0
5.0
V
Dynamic Performance
Effective Number of Bits
ƒIN=3.58 MHz
TA = +25 °C
I
9.9
10.1
Bits
ƒIN=3.58 MHz
TA = TMIN to TMAX
IV
9.4
10.1
Bits
Signal-to-Noise Ratio
(without Harmonics)
ƒIN=3.58 MHz
TA = +25 °C
I
61.2
62.5
dB
ƒIN=3.58 MHz
TA = TMIN to TMAX
IV
58.0
62.5
dB
1
The full-scale range spans the reference ladder sense pins, VRHS and VRLS. Refer to the Voltage Reference section for discussion.
2
Due to internal architecture, over-voltage recovery time is less than one clock cycle (i.e., 25 ns at ƒCLK = 40 MHz).
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Note: 1. Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal
applied conditions in typical applications.
Supply Voltages
VDD ............................................................................+6 V
Input Voltages
Analog Input .................................... –0.5 V to VDD +0.5 V
CLK Input ................................................................... VDD
AGND – DGND ..................................................
±100 mV
Output
Digital Outputs ....................................................... 10 mA
Temperature
Operating Temperature ............................. –40 to +85
°C
Junction Temperature ......................................... +175
°C
Lead Temperature, (soldering 10 seconds) ........ +300
°C
Storage Temperature ............................... –65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com