Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet (PDF) - Analog Devices

AD9430 Datasheet PDF - Analog Devices
Part # AD9430
Download  AD9430 Download
File Size   1594.93 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 170 MSPS 3.3V A/D Converter

AD9430 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9430 Datasheet PDF - Analog Devices

Part # AD9430
Download  AD9430 Click to download

File Size   1594.93 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 170 MSPS 3.3V A/D Converter

AD9430 Datasheet (HTML) - Analog Devices


AD9430 Product details

GENERAL DESCRIPTION
The AD9430 is a 12-bit, monolithic, sampling analog-to-digital converter (ADC) optimized for high performance, low power, and ease of use. The product operates up to a 210 MSPS conversion rate and is optimized for outstanding dynamic performance in wideband carrier and broadband systems. All necessary functions, including a track-and-hold (T/H) and reference, are included on the chip to provide a complete conversion solution.

FEATURES
   SNR = 65 dB @ fIN = 70 MHz @ 210 MSPS
   ENOB of 10.6 @ fIN = 70 MHz @ 210 MSPS (–0.5 dBFS)
   SFDR = 80 dBc @ fIN = 70 MHz @ 210 MSPS (–0.5 dBFS)
   Excellent linearity:
      DNL = ±0.3 LSB (typical)
      INL = ±0.5 LSB (typical)
   2 output data options:
      Demultiplexed 3.3 V CMOS outputs each @ 105 MSPS
      Interleaved or parallel data output option
   LVDS at 210 MSPS
   700 MHz full-power analog bandwidth
   On-chip reference and track-and-hold
   Power dissipation = 1.3 W typical @ 210 MSPS
   1.5 V input voltage range
   3.3 V supply operation
   Output data format option
   Data sync input and data clock output provided
   Clock duty cycle stabilizer

APPLICATIONS
   Wireless and wired broadband communications
   Cable reverse path
   Communications test equipment
   Radar and satellite subsystems
   Power amplifier linearization




Similar Part No. - AD9430

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9430 AD-AD9430 Datasheet
1Mb / 45P
3.3V A/D Converter
Rev. E
AD9430-CMOSPCB AD-AD9430-CMOSPCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9430-LVDSPCB2 AD-AD9430-LVDSPCB2 Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9430BSV-170 AD-AD9430BSV-170 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9430BSV-170 AD-AD9430BSV-170 Datasheet
1Mb / 45P
3.3V A/D Converter
Rev. E
More results


Similar Description - AD9430

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
10-Bit, 170 MSPS D/A Converter
REV.A
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9230 AD-AD9230 Datasheet
2Mb / 21P
12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
logo
Cadeka Microcircuits LL...
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Analog Devices
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
10-Bit, 170 MSPS D/A Converter
REV. B
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com