Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9430 Datasheet HTML 2Page - Analog Devices AD9430 Datasheet HTML 3Page - Analog Devices AD9430 Datasheet HTML 4Page - Analog Devices AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices AD9430 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PRELIMINARY TECHNICAL DATA
AD9430
-6-
4/01/2002 REV. PrG
ABSOLUTE MAXIMUM RATINGS
AVDD, DRVDD.. .. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 V
Analog Inputs . . . . . . . . . . .. . .. . . –0.5 V to AVDD + 0.5 V
Digital Inputs . . .. . . . . . . . .. . . .. –0.5 V to DRVDD + 0.5 V
REFIN Inputs . . . . . . . . . . . . . . . . –0.5 V to AVDD + 0.5 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . ... . . . . . –55C to +125C
Storage Temperature . . . . . . . . . . . . . ... . . . . –65C to +150C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . ..150C
θ
JA
2 . . . . . . .. . . . . . . . . . . . . . . . . . . . . . . . . 25C/W, 32C/W
NOTES
EXPLANATION OF TEST LEVELS
Test Level
I
100% production tested.
II 100% production tested at 25C and sample tested at
specified temperatures.
III Sample tested only.
IV Parameter is guaranteed by design and characterization
testing.
V Parameter is a typical value only.
VI 100% production tested at 25C; guaranteed by design
and characterization testing for industrial temperature
range; 100% production tested at temperature extremes
for military devices.
1 Stresses above those listed under Absolute Maximum Ratings may
cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions outside of those
indicated in the operation sections of this specification is not implied.
Exposure to absolute maximum ratings for extended periods may affect
device reliability.
2 Typical
θ
JA = 32C/W (heat slug not soldered), Typical
θ
JA =
25C/W (heat slug soldered), for multilayer board in still air.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9430 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality
.
ORDERING GUIDE
Model
Temperature Range
Package Option
AD9430BSV-170
–40°C to +85°C
TQFP–100
AD9430/PCB-CMOS
+25°C
Evaluatio n Board
(CMOS Mode)
Table 1. AD9430 Output Select Coding
S1
(Data
Format
Select)
1
S2
(LVDS/CMOS
Output Mode
Select )
S4
(Select
Interleaved or
Parallel Mode)
2
S5
(Full Scale
Adjust)
Mode
1
X
X
X
2’s Complement
0
X
X
X
Offset Binary
X
0
1
X
Dual Mode CMOS Interleaved
X
0
0
X
Dual Mode CMOS Parallel
X
1
X
X
LVDS Mode
X
X
X
1
Full Scale -> .766 Vpp differential
1.533 Vpp Single- Ended
X
X
X
0
Full Scale -> 1.533 Vpp differential
Notes:
1
X = Don’t Care
S1-S5 all have 30K resistive pulldowns on chip
2In interleaved mode output data on port A is offset from output data changes on port B by ½ output clock cycle.
Interleaved mode
Parallel Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com