Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 4 Page - Analog Devices

  AD9430 Datasheet HTML 1Page - Analog Devices AD9430 Datasheet HTML 2Page - Analog Devices AD9430 Datasheet HTML 3Page - Analog Devices AD9430 Datasheet HTML 4Page - Analog Devices AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PRELIMINARY TECHNICAL DATA
AD9430
-4-
4/01/2002 REV. PrG
SWITCHING SPECIFICATIONS (cont’d)
Parameter
Temp
Test
Level
AD9430BSV-170
Min
Typ
Max
Units
OUTPUT Parameters in Demux Mode
Valid Time (tV)
Propagation Delay (tPD)
Rise Time (tR) (20% to 80%)
Fall Time (tF) (20% to 80%)
DCO Propagation Delay (tCPD)
Data to DCO Skew (tPD – tCPD)
Interleaved Mode (A, B Latency)
Parallel Mode (A, B Latency)
Full
Full
25
°C
25
°C
Full
Full
Full
Full
IV
IV
V
V
VI
IV
VI
VI
tbd
3.8
1
1
3.8
0
14/14
14/15
ns
ns
ns
ns
ns
ns
Cycles
Cycles
OUTPUT Parameters in LVDS Mode
Valid Time (tV)
Propagation Delay (tPD)
Rise Time (tR) (20% to 80%)
Fall Time (tF) (20% to 80%)
DCO Propagation Delay (tCPD)
Data to DCO Skew (tPD – tCPD)
Pipeline Latency
Full
Full
25
°C
25
°C
Full
Full
Full
IV
I
V
V
VI
IV
VI
2.0
3.2
4.3
.5
.5
1.8
2.7
3.8
.5
14
ns
ns
ns
ns
ns
ns
Cycles
Aperture Delay (tA)
Aperture Uncertainty (Jitter, tJ)
25
°C
25
°C
V
V
1.2
0.25
ps
ps rms
Measured Preliminary Performance : FFT 65MHz Ain at 170MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com