Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9430 Datasheet HTML 10Page - Analog Devices AD9430 Datasheet HTML 11Page - Analog Devices AD9430 Datasheet HTML 12Page - Analog Devices AD9430 Datasheet HTML 13Page - Analog Devices AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices AD9430 Datasheet HTML 17Page - Analog Devices AD9430 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
PRELIMINARY TECHNICAL DATA
AD9430
-14-
4/01/2002 REV. PrG
AD9430 EVALUATION BOARD
The AD9430 evaluation board offers an easy way to test the
AD9430. It requires a clock source, an analog input signal, and
a 3.3 V power supply. The clock source is buffered on the board
to provide the clocks for the ADC, an on-board DAC, latches,
and a data ready signal. The digital outputs and output clocks
are available at two 40-pin connectors, P3 and P4. The board
has several different modes of operation, and is shipped in the
following configuration:
• Offset Binary
• Internal Voltage Reference
• CMOS Parallel Timing
• Full-Scale Adjust = Low
Power Connector
Power is supplied to the board via a detachable 12-lead power
strip (three 4-pin blocks).
Table II. Power Connector
AVDD 3.3 V
Analog Supply for ADC (~ 350 mA)
DRVDD 3.3 V
Output Supply for ADC (~ 28 mA)
VDL 3.3 V
Supply for Support Logic and DAC (~350 mA)
EXT_VREF
*
Optional External Reference Input
VCLK/V_XTAL
Supply for Clock Buffer/Optional XTAL
VAMP
Supply for Optional Amp
*LVEL16 clock buffer can be powered from AVDD or VCLK at E47 jumper
(AVDD, DrVDD,VDL are the minimum required power connections).
Analog Inputs
The evaluation board accepts a 1.3 V p-p analog input signal
centered at ground at SMB connector J4. This signal is terminated
to ground through 50
Ω by R16. The input can be alternatively
terminated at T1 transformer secondary by R13, R14. T1 is a
wideband RF transformer providing the single-ended to differential
conversion allowing the ADC to be driven differentially, minimizing
even order harmonics. An optional second transformer T2 can be
placed following T1 if desired. This would provide some perfor-
mance advantage (~1–2 dB) for high analog input frequencies
(>100 MHz). If T2 is placed, two shorting traces at the pads would
need to be cut. The analog signal is low pass filtered by R41,
C12, and R42, C13 at the ADC input.
Gain
Full scale is set at E17–E19, E17–E18 sets S5 low, full scale =
1.5 V differential; E17–E19 sets S5 high, full scale = 0.75 V
differential.
Encode
The encode clock is terminated to ground through 50
Ω at SMB
connector J5. The input is ac-coupled to a high-speed differential
receiver (LVEL16) which provides the required low-jitter, fast
edge rates needed for optimum performance. J5 input should be
> 0.5 V p-p. Power to the EL16 is set at jumper E47. E47–E45
powers the buffer from AVDD, E47–E46 powers the buffer from
VCLK/V_XTAL.
Voltage Reference
The AD9430 has an internal 1.23 V voltage reference. The
ADC uses the internal reference as the default when jumpers
E24–E27 and E25–E26 are left open. The full scale can be
increased by placing optional resistor R3. The required value
would vary with process and needs to be tuned for the specific
application. Full scale can similarly be reduced by placing R4;
tuning would be required here as well. An external reference can
be used by shorting the SENSE pin to 3.3 V (place jumper
E26–E25). E27–E24 jumper connects the ADC VREF pin to
EXT_VREF pin at the power connector.
Data Format Select
Data Format Select sets the output data format of the ADC. Set-
ting DFS (E1–E2) low sets the output format to be offset binary;
setting DFS high (E1–E3) sets the output to two’s complement.
I/P
Output timing is set at E11–E13. E12–E11 sets S4 low for
parallel output timing mode. E11–E13 sets S4 high for interleaved
timing mode.
Timing Controls
Flexibility in latch clocking and output timing is accomplished
by allowing for clock inversion at the timing controls section of
the PCB. Each buffered clock is buffered by an XOR and can be
inverted by moving the appropriate jumper for that clock.
Data Outputs
The ADC digital outputs are latched on the board by four LVT574s;
the latch outputs are available at the two 40-pin connectors at pins
11–33 on P23 (channel A) and pins 11–33 on P3 (channel B).
The latch output clocks (data ready) are available at Pin 37 on
P23 (channel A) and Pin 37 on P3 (channel B). The data ready
clocks can be inverted at the timing controls section if needed.
CH1
CH2
CH2
M 5.00nS
1
2
: 4.6nS
C1 FREQ
84.65608MHz
2.00V
2.00V
Figure 13. Data Output and Clock @ 80-Pin Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com