Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 2 Page - Analog Devices

  AD9430 Datasheet HTML 1Page - Analog Devices AD9430 Datasheet HTML 2Page - Analog Devices AD9430 Datasheet HTML 3Page - Analog Devices AD9430 Datasheet HTML 4Page - Analog Devices AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PRELIMINARY TECHNICAL DATA
AD9430
-2-
4/01/2002 REV. PrG
DC SPECIFICATIONS
(AV
DD= DrVDD = 3.3V; TMIN = -40°C, TMAX = +85°C, Fin = -0.5dBFS, 1.235V External
reference, LVDS Output Mode
)
Parameter
Temp
Test
Level
AD9430BSV-170
Min
Typ
Max
Units
RESOLUTION
12
Bits
ACCURACY
No Missing Codes
Offset Error
Gain Error
Differential Nonlinearity (DNL)
Integral Nonlinearity (INL)
Full
25
°C
25
°C
25
°C
25
°C
I
I
I
I
I
Guaranteed
tbd
tbd
+/- .3
+/- .5
mV
% FS
LSB
LSB
TEMPERATURE DRIFT
Offset Error
Gain Error
Full
Full
V
V
tbd
tbd
ppm/
°C
ppm/
°C
POWER SUPPLY REJECTION
Full
V
± tbd
mV/V
REFERENCE OUT (VREF)
Full
V
1.235
V
ANALOG INPUTS (AIN, AIN )
Input Voltage Range (AIN– AIN )
1
Input Common Mode Voltage
Input Resistance
Input Capacitance
Full
Full
Full
Full
V
V
V
V
± .768
2.8
3
5
V
V
k
Ω
pF
POWER SUPPLY
Supply Voltages
AV
DD
DrVDD
Supply Current
I ANALOG (AVDD= 3.3V)
2
I DIGITAL (DrVDD = 3.3V)
2
Full
Full
Full
Full
V
V
V
V
3.0
3.3
3.6
3.0
3.3
3.6
335
55
V
V
mA
mA
POWER CONSUMPTION
3
Full
V
1.29
W
NOTES
1
Nominal Differential Full Scale = .766 V * 2 = 1.53 Vp-p differential for S5 = 0; Nominal Differential Full Scale = .766 Vp-p differential for S5 = 1 (see Fig. X)
2 IAVDD and IDrVDD are measured with an analog input of 10.3MHz, -0.5dBFs, sine wave, rated Encode rate and in LVDS output mode. See Typical Performance
Characteristics and Applications section for IDrVDD. 3 Power Consumption is measured with a DC input at rated Encode rate in LVDS output mode
DIGITAL SPECIFICATIONS (
AV
DD= 3.3V, DrVDD = 3.3V; TMIN = -40°
°C, T
MAX = +85°
°C)
Parameter (Conditions)
Temp
Test
Level
AD9430BSV-170
Min
Typ
Max
Units
ENCODE AND DATA SYNC
INPUTS (ENC, ENC , DS, DS/ )
Differential Input Voltage
1
Encode Common Mode Voltage
Input Resistance
Input Capacitance
LOGIC INPUTS ( S1,S2,S4,S5 )
Logic ‘1’ Voltage
Logic ‘0’ Voltage
Input Resistance
Input Capacitance
Full
Full
Full
Full
Full
Full
Full
Full
IV
IV
IV
IV
IV
IV
IV
IV
0.2
1.5
5.5
4
2.0
.8
30
4
V
V
k
Ω
pF
V
V
k
Ω
pF
LOGIC OUTPUTS (Demux Mode)
Logic “1” Voltage
2
Logic “0” Voltage
2
LOGIC OUTPUTS (LVDS Mode)
2,3
VOD
Differential Output Voltage
VOS
Output Offset Voltage
Output Coding
Full
Full
Full
Full
Full
IV
IV
IV
IV
IV
DrVDD-0.05
0.05
247
454
1.125
1.375
Two’s Comp or Binary
V
V
mV
V
NOTES
1All AC specifications tested by driving ENCODE and ENCODE differentially
| ENCODE - ENCODE
| > 200mV
2Digital Output Logic Levels:
DrVDD= 3.3V, CLOAD = 5pF.
3 LVDS Rl=100 ohms, LVDS Output Swing Set Resistor = 3.7K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com