Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9430 Datasheet HTML 12Page - Analog Devices AD9430 Datasheet HTML 13Page - Analog Devices AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices AD9430 Datasheet HTML 17Page - Analog Devices AD9430 Datasheet HTML 18Page - Analog Devices AD9430 Datasheet HTML 19Page - Analog Devices AD9430 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
PRELIMINARY TECHNICAL DATA
-20-
4/01/2002 REV. PrG
AD9430
100-Lead TQFP (with Exposed Heat Sink)
(TQFP-100)
7
0
0.011 (0.27)
0.009 (0.22)
0.007 (0.17)
0.0197 (0.50)
BSC
0.041 (1.05)
0.039 (1.00)
0.037 (0.95)
TOP VIEW
(PINS DOWN)
1
25
26
49
76
100
75
50
0.551 (14.00) SQ
0.630 (16.00) SQ
0.030 (0.75)
0.024 (0.60)
0.018 (0.45)
SEATING
PLANE
0.047 (1.20)
MAX
0.006 (0.15)
0.002 (0.05)
BOTTOM VIEW
1
25
26
49
76
100
75
50
CONDUCTIVE
HEAT SINK
0.260 (6.00) NOM
CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
CENTER FIGURES ARE TYPICAL UNLESS
OTHERWISE NOTED.
NOTE:
THE AD9430 HAS A CONDUCTIVE HEAT SLUG TO HELP DISSIPATE HEAT AND ENSURE RELIABLE OPERATION OF
THE DEVICE OVER THE FULL INDUSTRIAL TEMPERATURE RANGE. THE SLUG IS EXPOSED ON THE BOTTOM OF
THE PACKAGE AND ELECTRICALLY CONNECTED TO CHIP GROUND. IT IS RECOMMENDED THAT NO PCB SIGNAL
TRACES OR VIAS BE LOCATED UNDER THE PACKAGE THAT COULD COME IN CONTACT WITH THE CONDUCTIVE
SLUG. ATTACHING THE SLUG TO A GROUND PLANE WILL REDUCE THE JUNCTION TEMPERATURE OF THE DEVICE
WHICH MAY BE BENEFICIAL IN HIGH TEMPERATURE ENVIRONMENTS.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Troubleshooting
If the board does not seem to be working correctly, try the following:
• Verify power at IC pins.
• Check that all jumpers are in the correct position for the
desired mode of operation.
• Verify VREF is at 1.23 V.
• Try running Encode Clock and Analog Inputs at low speeds
(10 MSPS/1 MHz) and monitor 574, DAC, and ADC outputs
for toggling.
The AD9430 Evaluation Board is provided as a design example
for customers of Analog Devices, Inc. ADI makes no warranties,
express, statutory, or implied, regarding merchantability or
fitness for a particular purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com