Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 1 Page - Analog Devices

  AD9430 Datasheet HTML 1Page - Analog Devices AD9430 Datasheet HTML 2Page - Analog Devices AD9430 Datasheet HTML 3Page - Analog Devices AD9430 Datasheet HTML 4Page - Analog Devices AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PRELIMINARY TECHNICAL DATA
a
12-Bit, 170 MSPS
3.3V A/D Converter
Preliminary Technical Data
AD9430
FEATURES
SNR = 65dB @ Fin up to 65MHz at 170Msps
ENOB of 10.3 @ Fin up to 65MHz at 170 Msps (-1dBFs)
SFDR = -80dBc @ Fin up to 65MHz at 170Msps (-1dBFs)
Excellent Linearity:
- DNL = +/- 1 lsb (typ)
- INL = +/- 1.5 lsb (typ)
Two Output Data options
- Demultiplexed 3.3V CMOS outputs each at 85 Msps
- LVDS at 170Msps
700 MHz Full Power Analog Bandwidth
On–chip reference and track/hol d
Power dissipation = 1.25W typical at 170Msps
1.5V Input voltage range
+3.3V Supply Operation
Output data format option
Data Sync input and Data Clock output provided
Interleaved or parallel data output option (CMOS)
Clock Duty Cycle Stabilizer.
APPLICATIONS
Wireless and Wired Broadband Communications
-
Wideband carrier frequency systems
-
Cable Reverse Path
Communications Test Equipment
Radar and Satellite sub-systems
Power Amplifier Linearization
PRODUCT DESCRIPTION
The AD9430 is a 12-bit monolithic sampling analog–to–
digital converter with an on–chip track–and–hold circuit and
is optimized for low cost, low power, small size and ease of
use. The product operates up to 170 Msps conversion rate
and is optimized for outstanding dynamic performance in
wideband carrier systems.
The ADC requires a +3.3V power supply and a differential
encode clock for full performance operation. No external
reference or driver components are required for many
applications. The digital outputs are TTL/CMOS or LVDS
compatible. Separate output power supply pins support
interfacing with 3.3V CMOS logic.
An output data format select option of two’s complement or
offset binary is supported. In CMOS mode two output buses
support demultiplexed data up to 85 Msps rates. A data sync
input is supported for proper output data port alignment and
a data clock output is available for proper output data timing.
Fabricated on an advanced BiCMOS process, the AD9430 is
available in a 100 pin surface mount plastic package (100
TQFP ePAD) specified over the industrial temperature range
(–40°C to +85°C).
LVDS
Outputs
CMOS
Outputs
S2
DrVDD AVDD
DS-
DS+
Data(24), OR(2)
12
Scaleable
Reference
ADC
12-bit
Pipeline
Core
Track &
Hold
Clock
Management
AIN+
AIN-
ENC+
ENC-
S4
SENSE
VREF
DrGND
AGND
AD9430
S1
S5
DCO-
DCO+
A port
B port
Data(12), OR(1)
Data(12), OR(1)
Select CMOS or LVDS
AD9430 FUNCTIONAL BLOCK DIAGRAM
REV. PrG 4/01/2002
Information furnished by Analog Devices is believed to be accurate and
reliable.However,no responsibility is assumed by Analog Devices for its use,nor
for any infringements of patents or other rights of third parties that may result from
its use.No license is granted by implication or otherwise under any patent or
patent rights of Analog Devices.
One Technology Way,P.O.Box 9106,Norwood,MA 02062-9106,U.S.A.
Tel:781/329-4700
www.analog.com
Fax:781/326-8703
© Analog Devices, Inc., 2002


Similar Part No. - AD9430

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9430 AD-AD9430 Datasheet
1Mb / 45P
3.3V A/D Converter
Rev. E
AD9430-CMOSPCB AD-AD9430-CMOSPCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9430-LVDSPCB2 AD-AD9430-LVDSPCB2 Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9430BSV-170 AD-AD9430BSV-170 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9430BSV-170 AD-AD9430BSV-170 Datasheet
1Mb / 45P
3.3V A/D Converter
Rev. E
More results

Similar Description - AD9430

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
10-Bit, 170 MSPS D/A Converter
REV.A
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9230 AD-AD9230 Datasheet
2Mb / 21P
12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
logo
Cadeka Microcircuits LL...
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Analog Devices
AD9430 AD-AD9430_15 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
10-Bit, 170 MSPS D/A Converter
REV. B
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com