Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices AD9430 Datasheet HTML 10Page - Analog Devices AD9430 Datasheet HTML 11Page - Analog Devices AD9430 Datasheet HTML 12Page - Analog Devices AD9430 Datasheet HTML 13Page - Analog Devices AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
PRELIMINARY TECHNICAL DATA
AD9430
-12-
4/01/2002 REV. PrG
APPLICATION NOTES
THEORY OF OPERATION
The AD9430 architecture is optimized for high speed and
ease of use. The analog inputs drive an integrated high
bandwidth track-and-hold circuit that samples the signal
prior to quantization by the 12-bit core. For ease of use the
part includes an onboard reference and input logic that
accepts TTL, CMOS, or LVPECL levels. The digital outputs
logic levels are user selectable as standard 3V CMOS or
LVDS (ANSI-644 compatible) via pin S2.
USING THE AD9430
ENCODE Input
Any high speed A/D converter is extremely sensitive to the
quality of the sampling clock provided by the user. A
track/hold circuit is essentially a mixer, and any noise,
distortion, or timing jitter on the clock will be combined
with the desired signal at the A/D output. For that reason,
considerable care has been taken in the design of the
ENCODE input of the AD9430, and the user is advised to
give commensurate thought to the clock source.
The AD9430 has an internal clock duty cycle stabilization
circuit that locks to the rising edge of ENCODE (falling
edge of ENCODE if driven differentially), and optimizes
timing internally. This allows for a wide range of input duty
cycles at the input without degrading performance. Jitter in
the rising edge of the input is still of paramount concern, and
is not reduced by the internal stabilization circuit. This
circuit is always on, and cannot be disabled by the user.
The ENCODE and ENCODE inputs are internally biased to
1.5V (nominal), and support either differential or single –
ended signals. For best dynamic performance, a differential
signal is recommended. Good performance is obtained
using an MC10EL16 in the circuit to drive the
encode inputs , as illustrated in figure below.
Driving Encode with EL16
Analog Input
The analog input to the AD9430 is a differential buffer. For
best dynamic performance, impedances at
AIN and
____
AIN
should match. The analog input has been optimized to
provide superior wideband performance and requires that the
analog inputs be driven differentially. SNR and SINAD
performance will degrade significantly (~6dB) if the analog
input is driven with a single-ended signal. A wideband
transformer such as Minicircuits ADT1 -1WT can be used to
provide the
differential analog inputs for applications that require a
single-ended-to-differential conversion. Both analog inputs
are self-biased by an on-chip resistor divider to a nominal
2.8 V. (See Equivalent Circuits section TBD.)
Special care was taken in the design of the Analog Input
section of the AD9430 to prevent damage and corruption of
data when the input is overdriven. The nominal input range
is 1.5 V diff p-p. The nominal differential input range is 768
mV p-p × 2.
Differential Analog Input Range
Single Ended Analog Input Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com