Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9430 Datasheet HTML 4Page - Analog Devices AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices AD9430 Datasheet HTML 10Page - Analog Devices AD9430 Datasheet HTML 11Page - Analog Devices AD9430 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PRELIMINARY TECHNICAL DATA
AD9430
-8-
4/01/2002 REV. PrG
PIN FUNCTION DESCRIPTIONS (CMOS mode)
CMOS Mode
Pin Number
Name
Function in CMOS Mode
2,7,42,43,65,66,68
DNC
Do not connect
1
S5
Full Scale Adjust pin : ‘1’ sets FS =
.766 Vpp differential,
‘0’ sets FS = 1.533 Vpp differential
3
S4
Interlaced or parallel output mode. (only in Dual Port mode
operation) HIGH = data arrives in channel A at falling edge of clock
and data arrives in channel A at rising edge of clock. LOW = data
arrives in channels A and B at rising edge of clock.
5
S2
Output Mode select. Low = Dual Port, CMOS; High = LVDS
6
S1
Data format select. Low = Binary, High = Two’s compliment
8,14,15,18,19,24,27,28,29,34,
39,40,88,89,90,94,95,98,99
AVDD
3.3V analog supply. (3.0V to 3.6V)
4,9,12,13,16,17,20,23,25,26,3
0,31,35,38,41,86,87,91,92,93,
96,97,100
AGND
Analog Ground
10
SENSE
Control Pin for Reference , Full Scale
11
VREF
1.235 Reference I/O - function dependent on REFSENSE
21
VIN+
Analog input – true.
22
VIN-
Analog input – compliment.
32
DS+
Data sync (input) – true. Aligns output channels so that data from
channel A represents a sample that is prior from data in channel B,
taking into account the pipeline delay. (See timing diagram). Tie
LOW if not used.
33
DS-
Data sync (input) – compliment. Tie HIGH if not used.
36
ENC+
Clock input – true.
37
ENC-
Clock input – compliment.
44
DB0
B Port Output Data Bit (LSB)
45
DB1
B Port Output Data Bit
46
DB2
B Port Output Data Bit
49
DB3
B Port Output Data Bit
50
DB4
B Port Output Data Bit
51
DB5
B Port Output Data Bit
52
DB6
B Port Output Data Bit
55
DB7
B Port Output Data Bit
56
DB8
B Port Output Data Bit
57
DB9
B Port Output Data Bit
58
DB10
B Port Output Data Bit
59
DB11
B Port Output Data Bit (MSB)
60
OR_B
B Port Overrange
48,53,61,67,74,82
DrGND
Digital ground.
47,54,62,75,83
DrVDD
3.3V digital output supply. (3.0V to 3.6V)
63
DCO-
Data Clock output – compliment.
64
DCO+
Data Clock output – true.
69
DA0
A port Output Data Bit (LSB)
70
DA1
A port Output Data Bit
71
DA2
A port Output Data Bit
72
DA3
A port Output Data Bit
73
DA4
A port Output Data Bit
76
DA5
A port Output Data Bit
77
DA6
A port Output Data Bit
78
DA7
A port Output Data Bit
79
DA8
A port Output Data Bit
80
DA9
A port Output Data Bit
81
DA10
A port Output Data Bit
84
DA11
A port Output Data Bit (MSB)
85
OR_A
A port Overrange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com