Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 3 Page - Analog Devices

  AD9430 Datasheet HTML 1Page - Analog Devices AD9430 Datasheet HTML 2Page - Analog Devices AD9430 Datasheet HTML 3Page - Analog Devices AD9430 Datasheet HTML 4Page - Analog Devices AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PRELIMINARY TECHNICAL DATA
AD9430
REV. PrG 4/01/2002
-3-
AC SPECIFICATIONS
1 (AV
DD= 3.3 V, DrVDD = 3.3V; ENCODE = Maximum Conversion Rate ; TMIN = -40°C, TMAX
= +85
°C, Internal voltage reference, LVDS Output Mode )
Parameter (Conditions)
Temp
Test
Level
AD9430BSV-170
Min
Typ
Max
Units
SNR
Analog Input
10 MHz
@ -0.5dBFS
65 MHz
100 MHz
240 MHz
25
°C
25
°C
25
°C
25
°C
I
I
V
V
65
65
65
64
dB
dB
dB
dB
SINAD
Analog Input
10 MHz
@ -0.5dBFS
65 MHz
100 MHz
240 MHz
25
°C
25
°C
25
°C
25
°C
I
I
V
V
65
65
64.5
60
dB
dB
dB
dB
Worst Harmonic (2
nd or 3rd)
Analog Input
10 MHz
@ -0.5dBFS
65 MHz
100 MHz
240 MHz
25
°C
25
°C
25
°C
25
°C
I
I
V
V
-85
-80
-77
-63
dBc
dBc
dBc
dBc
Worst Harmonic (4
th or higher)
Analog Input
10 MHz
@ -0.5dBFS
65 MHz
100 MHz
240 MHz
25
°C
25
°C
25
°C
25
°C
I
I
V
V
-87
-87
-77
-63
dBc
dBc
dBc
dBc
Two-tone IMD
2
F1, F2 @ -7 dBFS
Full
V
-75
dBc
Analog Input Bandwidth
25
°C
V
700
MHz
NOTES
1
All AC specifications tested by driving ENCODE and ENCODE differentially.
2 F1 = 31.5 MHz, F2 = 32.5 MHz
SWITCHING SPECIFICATIONS
(AV
DD= 3.3 V, DrVDD = 3.3V; ENCODE = Maximum Conversion Rate ;
TMIN = -40°C, TMAX = +85°C )
Parameter (Conditions)
Temp
Test
Level
AD9430BSV-170
Min
Typ
Max
Units
Maximum Conversion Rate
1
Minimum Conversion Rate
1
Encode Pulse Width High (tEH)
1
Encode Pulse Width Low (tEL)
1
DS Input Setup Time (tSDS)
2
DS Input Hold Time (tHDS)
2
Full
Full
Full
Full
Full
Full
I
V
V
V
IV
IV
170
40
2
2
.5
1.5
MSPS
MSPS
nS
nS
nS
nS
NOTES
1
All AC specifications tested by driving ENCODE and ENCODE differentially, LVDS Mode.
2 DS inputs used in CMOS Mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com