Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9430 Datasheet HTML 9Page - Analog Devices AD9430 Datasheet HTML 10Page - Analog Devices AD9430 Datasheet HTML 11Page - Analog Devices AD9430 Datasheet HTML 12Page - Analog Devices AD9430 Datasheet HTML 13Page - Analog Devices AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices AD9430 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
PRELIMINARY TECHNICAL DATA
AD9430
REV. PrG 4/01/2002
-13-
Digital Outputs
The off chip drivers on the chip can be configured by the
user to provide CMOS or LVDS compatible output levels
via pin S2.
The CMOS digital outputs (S2=0) are TTL/CMOS-
compatible for lower power consumption. The outputs are
biased from a separate supply (VDD), allowing easy
interface to external logic. The outputs are CMOS devices
which will swing from ground to VDD (with no dc load). It
is recommended to minimize the capacitive load the ADC
drives by keeping the output traces short (<1 inch, for a total
CLOAD < 5 pF). When operating in cmos mode it is also
recommended to place low value (220 ohm) series damping
resistors on the data lines to reduce switching transient
effects on performance.
LVDS outputs are available when S2=VDD and a 3.7K
RSET resistor is placed at pin 7 ( LVDSBIAS) to ground .
This resistor sets the output current at each output equal to a
nominal 3.5mA ( 10* IRSET) . A 100 ohm differential
termination resistor placed at the lvds receiver inputs results
in a nominal 350mV voltage swing at the receiver. Note that
when operating in LVDS mode the output supply must be at
a dc potential greater than or equal to the analog supply level
(AVDD). This can be accomplished simply by biasing the
two supplies from the same power plane or by tying the two
supplies on the pcb through an inductor. When operating in
CMOS mode this is not required and separate supplies are
recommended.
Clock Outputs (DCO+, DCO-)
The input ENCODE is divided by two (in CMOS mode) and
available off-chip at DCO+ and DCO-. These clocks can
facilitate latching off-chip, providing a low skew clocking
solution (see timing diagram). The on-chip clock buffers
should not drive more than 5 pF of capacitance to limit
switching transient effects on performance.
Note that the Outputs clocks are CMOS levels when CMOS
mode is selected(S2=0) and are LVDS levels when in LVDS
mode(S2=VDD). (Requiring a 100ohm differential
termination at receiver in LVDS mode). The output clock in
LVDS mode switches at the encode rate.
Voltage Reference
A stable and accurate 1.25 V voltage reference is built into
the AD9430 (VREF). The analog input Full Scale Range is
linearly proportional to the voltage at VREF. VREF (and in
turn input full scale ) can be varied by adding an external
resistor network at VREF, SENSE and GROUND. (See
figure X ) . No appreciable degradation in performance
occurs when VREF is adjusted ±5%. Note that an external
reference can be used by connecting the SENSE pin to VDD
(disabling internal reference) and driving VREF with the
external reference source. A .1uF capacitor to ground is
recommended at VREF pin in internal and external reference
applications.
Simplified Voltage Reference Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com