Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices AD9430 Datasheet HTML 10Page - Analog Devices AD9430 Datasheet HTML 11Page - Analog Devices AD9430 Datasheet HTML 12Page - Analog Devices AD9430 Datasheet HTML 13Page - Analog Devices AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PRELIMINARY TECHNICAL DATA
AD9430
REV. PrG 4/01/2002
-11-
Signal -to-Noise Ratio (without Harmonics)
The ratio of the rms signal amplitude (set at 1 dB below full
scale) to the rms value of the sum of all other spectral
components, excluding the first five harmonics and dc.
Spurious-Free Dynamic Range (SFDR)
The ratio of the rms signal amplitude to the rms value of the
peak spurious spectral component. The peak spurious
component may or may not be a harmonic. May be reported
in dBc (i.e., degrades as signal level is lowered), or dBFS
(always related back to converter full scale).
Two-Tone Intermodulation Distortion Rejection
The ratio of the rms value of either input tone to the rms
value of the worst third order intermodulation product;
reported in dBc.
Two-Tone SFDR
The ratio of the rms value of either input tone to the rms
value of the peak spurious component. The peak spurious
component may or may not be an IMD product. May be
reported in dBc (i.e., degrades as signal level is lowered), or
in dBFS (always related back to converter full scale).
Worst Other Spur
The ratio of the rms signal amplitude to the rms value of the
worst spurious component (excluding the second and third
harmonic) reported in dBc.
Transient Response Time
Transient response is defined as the time it takes for the
ADC to reacquire the analog input after a transient from
10% above negative full scale to 10% below positive full
scale.
Out-of-Range Recovery Time
Out of range recovery time is the time it takes for the ADC
to reacquire the analog input after a transient from 10%
above positive full scale to 10% above negative full scale, or
from 10% below negative full scale to 10% below positive
full scale.
EQUIVALENT CIRCUITS
Figure X Encode and DS Inputs
Figure X Analog Inputs
Figure X S1-S5 Inputs
Figure X VREF, SENSE I/O
Figure X Data Outputs (CMOS Mode)
Figure X Data Outputs (LVDS Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com