Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9430
Description  12-Bit, 170 MSPS 3.3V A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9430 Datasheet HTML 3Page - Analog Devices AD9430 Datasheet HTML 4Page - Analog Devices AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices AD9430 Datasheet HTML 10Page - Analog Devices AD9430 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PRELIMINARY TECHNICAL DATA
AD9430
REV. PrG 4/01/2002
-7-
AD9430
LVDS PINOUT
TOP VIEW
(Not to Scale)
11
S5
S4
AGND
S2
S1
LVDSBIAS
AVDD
AGND
13
4
5
6
7
12
8
9
2
3
14
10
15
1
SENSE
VREF
AGND
AGND
AVDD
16
AVDD
DNC
AGND 17
18
19
20
21
22
23
24
25
AGND
AVDD
AGND
AIN
AIN
AVDD
AGND
AVDD
AGND
DRVDD
D8_T
D8_C
D7_T
D7_C
D6_T
D6_C
DRGND
D5_T
D5_C
DCO
DCO
DRVDD
DRGND
65
63
72
71
70
69
64
68
67
74
73
62
66
61
75
DRGND
60
D4_T
59
D4_C
58
D3_T
57
D3_C
56
D2_T
55
D2_C
54
DRVDD
53
DRGND
52
D1_T
51
D1_C
(MSB)
AD9430 LVDS Mode Pinout
AD9430
CMOS PINOUT
TOP VIEW
(Not to Scale)
11
S5
S4
AGND
S2
S1
DNC
AVDD
AGND
13
4
5
6
7
12
8
9
2
3
14
10
15
1
SENSE
VREF
AGND
AGND
AVDD
16
AVDD
DNC
AGND 17
18
19
20
21
22
23
24
25
AGND
AVDD
AGND
AIN
AIN
AVDD
AGND
AVDD
AGND
DRVDD
DA4
DA3
DA2
DA1
DA0
DNC
DRGND
DNC
DNC
DCO
DCO
DRVDD
DRGND
65
63
72
71
70
69
64
68
67
74
73
62
66
61
75
DRGND
60
OR_B
59
DB11
58
DB10
57
DB9
56
DB8
55
DB7
54
DRVDD
53
(MSB)
52
DB6
51
DB5
DRGND
AD9430 CMOS Dual Mode Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com