Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8527 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP8527
Description  Micropower Sampling 10-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8527 Datasheet(HTML) 4 Page - Sipex Corporation

  SP8527 Datasheet HTML 1Page - Sipex Corporation SP8527 Datasheet HTML 2Page - Sipex Corporation SP8527 Datasheet HTML 3Page - Sipex Corporation SP8527 Datasheet HTML 4Page - Sipex Corporation SP8527 Datasheet HTML 5Page - Sipex Corporation SP8527 Datasheet HTML 6Page - Sipex Corporation SP8527 Datasheet HTML 7Page - Sipex Corporation SP8527 Datasheet HTML 8Page - Sipex Corporation SP8527 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SP8527DS/01
SP8527 Micropower Sampling 10-Bit A/D Converter
© Copyright 2000 Sipex Corporation
4
PIN ASSIGNMENTS
Pin 1- V
REF
- Reference Voltage
Pin 2- +IN - Positive Input
Pin 3- -IN - Negative Input
Pin 4- GND - Ground
Pin 5- CS/SHDN - Chip Select Bar/Shutdown
Pin 6 - D
OUT - Data Out
Pin 7- SCLK - Serial Clock
Pin 8- V
CC - Supply
PIN DESCRIPTION
VREF
+IN
-IN
GND
VCC
SCLK
DOUT
CS/SHDN
1
2
3
4
8
7
6
5
w
w
w
SPECIFICATIONS (cont.)
Recommended Operating Conditions
VCC=5.0V
VCC=3.3V
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
V
CC
Supply Voltage
+3.0
+5.0
+5.5
+3.0
+3.3
+5.5
Volts
f
CLK
Clock Frequency
500
333
kHz
t
CYC
Total Cycle Time
26.1
39.2
µS
t
suCS
Setup Time CSv
100
150
nS
Before CLK^
t
WHCLK
CLK High Time
.9
1.4
µS
t
WLCLK
CLK Low Time
.9
1.4
µS
t
WHCS
CS High Time between
100
150
nS
Data Transfers Cycles
t
SAMPLE
S/H Acquisition Time
2
2
SCLK Cycles
t
CONV
ADC Conversion Time
10
10
SCLK Cycles
t
CLK
Clock Period
2.0
3.0
µS
t
en
SCLK to D
OUT Enable
80
200
150
300
nS
t
DIS
CSN to D
OUT Hi - Z
80
200
150
200
nS
t
R
D
OUT Rise Time
5
25
10
50
nS
t
F
D
OUT Fall Time
5
25
10
50
nS
t
HDO
D
OUT Valid After SCLK
80
200
150
300
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com