Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8527 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP8527
Description  Micropower Sampling 10-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8527 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP8527 Datasheet HTML 4Page - Sipex Corporation SP8527 Datasheet HTML 5Page - Sipex Corporation SP8527 Datasheet HTML 6Page - Sipex Corporation SP8527 Datasheet HTML 7Page - Sipex Corporation SP8527 Datasheet HTML 8Page - Sipex Corporation SP8527 Datasheet HTML 9Page - Sipex Corporation SP8527 Datasheet HTML 10Page - Sipex Corporation SP8527 Datasheet HTML 11Page - Sipex Corporation SP8527 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SP8527DS/01
SP8527 Micropower Sampling 10-Bit A/D Converter
© Copyright 2000 Sipex Corporation
9
Icc vs. Temperature
250
240
230
220
210
200
-50
temperature (C)
-25
0
25
50
75
100
125
Gain vs. Temperature
1.5
1.0
.05
0.00
-1.0
-1.5
-50
temperature (C)
-25
0
25
50
75
100
125
-0.5
Offset vs. Temperature
1.5
1.0
.05
0
-1.0
-1.5
-50
temperature (C)
-25
0
25
50
75
100
125
-0.5
FFT 20 dB/div
0Hz
1.3kHz/div
10.4kHz
SNR =
THD =
SINAD =
SFDR =
Vinamp =
Fund Freq =
61.26 dB
-70.7 dB
60.79 dB
70.43 dB
-0.49 dB
9.885kHz
Spurious Free Dynamic Range
50
1000
input frequency (Hz)
65
70
75
80
10000
SINAD
50
1000
input frequency (Hz)
64
66
68
70
10000
Signal to Noise Ratio
1000
input frequency (Hz)
10000
Total Harmonic Distortion
-80
1000
input frequency (Hz)
-65
-60
-55
-50
10000
60
55
62
60
58
56
52
50
64
66
68
70
62
60
58
56
52
54
54
-75
-70
For all plots, V
CC = 5V, Conversion Rate = 38.3kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com