Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS25 Datasheet (PDF) - NXP Semiconductors

BFS25 Datasheet PDF - NXP Semiconductors
Part # BFS25
Download  BFS25 Download
File Size   126.55 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 5 GHz wideband transistor

BFS25 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFS25 Datasheet PDF - NXP Semiconductors

Part # BFS25
Download  BFS25 Click to download

File Size   126.55 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 5 GHz wideband transistor

BFS25 Datasheet (HTML) - NXP Semiconductors


BFS25 Product details

DESCRIPTION
NPN transistor in a plastic SOT323 envelope.
It is designed for use in RF amplifiers and oscillators in pagers and pocket phones with signal frequencies up to 2 GHz.

FEATURES
• Low current consumption
• Low noise figure
• Gold metallization ensures excellent reliability
• SOT323 envelope.




Similar Part No. - BFS25

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BFS2523A024 LOVATO-BFS2523A024 Datasheet
227Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 25A, AC COIL 50/60HZ, 24VAC, 2NO3NC AUXILIARY CONTACT
BFS2523A110 LOVATO-BFS2523A110 Datasheet
227Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 25A, AC COIL 50/60HZ, 110VAC, 2NO3NC AUXILIARY CONTACT
BFS2523A230 LOVATO-BFS2523A230 Datasheet
227Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 25A, AC COIL 50/60HZ, 230VAC, 2NO3NC AUXILIARY CONTACT
BFS2523D024 LOVATO-BFS2523D024 Datasheet
223Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 25A, DC COIL, 24VDC, 2NO3NC AUXILIARY CONTACT
logo
SAMWHA ELECTRIC
BFS2550A0B SAMWHA-BFS2550A0B Datasheet
333Kb / 3P
BEAD Filter
More results


Similar Description - BFS25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
NPN 5 GHz wideband transistor
2000 Mar 28
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
NPN 5 GHz wideband transistor
1995 Sep 18
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
NPN 5 GHz wideband transistor
December 1997
BFQ19 NXP-BFQ19 Datasheet
225Kb / 7P
NPN 5 GHz wideband transistor
Rev. 03-28 September 2007
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFS25A_CNV PHILIPS-BFS25A_CNV_15 Datasheet
259Kb / 13P
NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A_15 Datasheet
146Kb / 15P
NPN 5 GHz wideband transistor
Rev. 5-12 September 2011
logo
Quanzhou Jinmei Electro...
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com