Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38012 Datasheet (PDF) - Belden Inc.

38012 Datasheet PDF - Belden Inc.
Part # 38012
Download  38012 Download
File Size   151.09 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description UL Type PV Wire, #12 Str TC, XLPO Ins, 600V PV 90C Dry/Wet

38012 Datasheet (PDF)

Go To PDF Page Download Datasheet
38012 Datasheet PDF - Belden Inc.

Part # 38012
Download  38012 Click to download

File Size   151.09 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description UL Type PV Wire, #12 Str TC, XLPO Ins, 600V PV 90C Dry/Wet

38012 Datasheet (HTML) - Belden Inc.


38012 Product details

Product Description
UL Type PV Wire, 12AWG (65x30) Tinned Copper, XLPO Insulation, 600V PV 90C Dry/Wet USE-2 RHW-2 CSA RW90 1000V SUN RES




Similar Part No. - 38012

ManufacturerPart #DatasheetDescription
logo
Lumberg
380120 LUMBERG-380120 Datasheet
96Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
380120 LUMBERG-380120 Datasheet
649Kb / 3P
Multimodul connectors, pitch 2.5 mm
More results


Similar Description - 38012

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
38008 BELDEN-38008 Datasheet
150Kb / 2P
UL Type PV Wire, #8 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38010 BELDEN-38010 Datasheet
150Kb / 2P
UL Type PV Wire, #10 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38014 BELDEN-38014 Datasheet
151Kb / 2P
UL Type PV Wire, #14 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38016 BELDEN-38016 Datasheet
150Kb / 2P
UL Type PV Wire, #16 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38018 BELDEN-38018 Datasheet
150Kb / 2P
UL Type PV Wire, #18 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38108 BELDEN-38108 Datasheet
151Kb / 2P
UL Type PV Wire, #8 Str TC, XLPO Ins, 2000V PV 90C Dry/Wet
05-05-2023
38112 BELDEN-38112 Datasheet
151Kb / 2P
UL Type PV Wire, #12 Str TC, XLPO Ins, 2000V PV 90C Dry/Wet
05-05-2023
38114 BELDEN-38114 Datasheet
151Kb / 2P
UL Type PV Wire, #14 Str TC, XLPO Ins, 2000V PV 90C Dry/Wet
05-05-2023
38118 BELDEN-38118 Datasheet
150Kb / 2P
UL Type PV Wire, #18 Str TC, XLPO Ins, 2000V PV 90C Dry/Wet
05-05-2023
38212 BELDEN-38212 Datasheet
151Kb / 2P
UL Type PV Wire, #12 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com