Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38212 Datasheet (PDF) - Belden Inc.

38212 Datasheet PDF - Belden Inc.
Part # 38212
Download  38212 Download
File Size   151.36 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description UL Type PV Wire, #12 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet

38212 Datasheet (PDF)

Go To PDF Page Download Datasheet
38212 Datasheet PDF - Belden Inc.

Part # 38212
Download  38212 Click to download

File Size   151.36 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description UL Type PV Wire, #12 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet

38212 Datasheet (HTML) - Belden Inc.


38212 Product details

Product Description
UL Type PV Wire, 12AWG (65x30) Tinned Copper, XLPO Insulation, PVC Outer Jacket, 600V PV 90C Dry/Wet USE-2 RHW-2 SUN RES




Similar Part No. - 38212

ManufacturerPart #DatasheetDescription
logo
Lumberg
382120 LUMBERG-382120 Datasheet
118Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
382120 LUMBERG-382120 Datasheet
592Kb / 3P
Multimodul connectors, pitch 2.5 mm
logo
Littelfuse
38212000000 LITTELFUSE-38212000000 Datasheet
216Kb / 3P
Lead - free Reduced PCB space requirements Low internal resistance
38212000410 LITTELFUSE-38212000410 Datasheet
216Kb / 3P
Lead - free Reduced PCB space requirements Low internal resistance
38212500000 LITTELFUSE-38212500000 Datasheet
216Kb / 3P
Lead - free Reduced PCB space requirements Low internal resistance
More results


Similar Description - 38212

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
38012 BELDEN-38012 Datasheet
151Kb / 2P
UL Type PV Wire, #12 Str TC, XLPO Ins, 600V PV 90C Dry/Wet
05-05-2023
38208 BELDEN-38208 Datasheet
151Kb / 2P
UL Type PV Wire, #8 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
05-05-2023
38210 BELDEN-38210 Datasheet
151Kb / 2P
UL Type PV Wire, #10 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
05-05-2023
38214 BELDEN-38214 Datasheet
151Kb / 2P
UL Type PV Wire, #14 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
05-05-2023
38216 BELDEN-38216 Datasheet
151Kb / 2P
UL Type PV Wire, #16 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
05-05-2023
38218 BELDEN-38218 Datasheet
151Kb / 2P
UL Type PV Wire, #18 Str TC, XLPO Ins, PVC Jkt, 600V PV 90C Dry/Wet
05-05-2023
38308 BELDEN-38308 Datasheet
151Kb / 2P
UL Type PV Wire, #8 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
38310 BELDEN-38310 Datasheet
151Kb / 2P
UL Type PV Wire, #10 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
38312 BELDEN-38312 Datasheet
151Kb / 2P
UL Type PV Wire, #12 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
38318 BELDEN-38318 Datasheet
151Kb / 2P
UL Type PV Wire, #18 Str TC, XLPO Ins, PVC Jkt, 2000V PV 90C Dry/Wet
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com