Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX38640AENT+ Datasheet (PDF) - Analog Devices

MAX38640AENT+ Datasheet PDF - Analog Devices
Part # MAX38640AENT+
Download  MAX38640AENT+ Download
File Size   1025.52 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter

MAX38640AENT+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX38640AENT+ Datasheet PDF - Analog Devices

Part # MAX38640AENT+
Download  MAX38640AENT+ Click to download

File Size   1025.52 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter

MAX38640AENT+ Datasheet (HTML) - Analog Devices


MAX38640AENT+ Product details

General Description
The MAX38640–MAX38643 are a nanoPower family of
ultra-low 330nA quiescent current buck (step-down) DCDC
converters that operate from 1.8V to 5.5V input voltage
and support load currents of up to 175mA, 350mA,
700mA with peak efficiencies of 96%. While in shutdown,
there is only 5nA of shutdown current. The devices offer
ultra-low quiescent current, small total solution size, and
high efficiency throughout the load range. The
MAX38640–MAX38643 are ideal for battery applications
where long battery life is a must.
The MAX38640–MAX38643 family utilizes a unique control
scheme that allows ultra-low quiescent current and
high efficiency over a wide output current range. The
MAX38642 excludes active discharge resistor in shutdown,
which allows the output to be regulated or held high
by another source or by the charged output capacitor.
The MAX38640–MAX38643 devices are offered in a
space-saving 1.42mm x 0.89mm, 6-pin WLP (2x3 bump,
0.4mm pitch), as well as a 2mm x 2mm, 6-pin μDFN package.
All parts are specified over the -40°C to +85°C extended
temperature range.

Benefits and Features
● Extends Battery Life
• 330nA Ultra-Low Quiescent Supply Current
• 5nA Shutdown Current
• 96% Peak Efficiency and over 88% at 10μA
● Easy to Use – Addresses Popular Operation
• 1.8V to 5.5V Input Range
• Single Resistor-Adjustable VOUT from 0.7V to 3.3V
(A-Option)
• Preprogrammed VOUT from 0.5V to 5.0V (B-Option)
• ±1.75% Output Voltage Accuracy
• Up to 175mA/350mA/700mA Load Current
● Protects System in Multiple Use Cases
• Reverse-Current Blocking in Shutdown
• Optional Active Discharge Feature
● Reduces Size and Increases Reliability
• -40°C to +85°C Temperature Range
• 2mm x 2mm, 6-pin μDFN Package
• 1.42mm x 0.89mm, 0.4mm Pitch 6-pin (2 x 3) WLP

Applications
● Portable, Space-Constrained Consumer Products
● Wearable Devices, Ultra-Low-Power IoT, NB IoT, and
Bluetooth® LE
● Single Li-ion (Li+) and Coin Cell Battery Products
● Wired or Wireless Industrial Products




Similar Part No. - MAX38640AENT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38640AENT+ MAXIM-MAX38640AENT+ Datasheet
924Kb / 15P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
2021
More results


Similar Description - MAX38640AENT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38650 MAXIM-MAX38650 Datasheet
936Kb / 13P
Tiny 1.8V to 5.5V Input, 390nA IQ, 100mA nanoPower Buck Converter with 100% Duty Cycle Operation
Rev 0; 1/21
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
MAX38640 MAXIM-MAX38640 Datasheet
924Kb / 15P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
2021
MAXM38643 MAXIM-MAXM38643 Datasheet
788Kb / 12P
Tiny, 1.8V to 5.5V Input, 330nA IQ, 600mA nanoPower Buck Module
2021
logo
Diodes Incorporated
AP61100 DIODES-AP61100 Datasheet
1Mb / 22P
2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
September 2022
AP61200 DIODES-AP61200 Datasheet
1Mb / 21P
2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 September 2022
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61300 DIODES-AP61300 Datasheet
1Mb / 21P
2.4V TO 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 November 2022
AP61302Q DIODES-AP61302Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
logo
Analog Devices
MAX38647B AD-MAX38647B Datasheet
1Mb / 16P
Tiny, 1.8V to 5.5V Input, 440nA IQ, 175mA nanoPower Buck Converter with Four-Level VSEL
19-101607; Rev 0; 1/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com