Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZV85 Datasheet (PDF) - Nexperia B.V. All rights reserved

BZV85 Datasheet PDF - Nexperia B.V. All rights reserved
Part # BZV85
Download  BZV85 Download
File Size   1787.46 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Voltage regulator diodes

BZV85 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZV85 Datasheet PDF - Nexperia B.V. All rights reserved

Part # BZV85
Download  BZV85 Click to download

File Size   1787.46 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Voltage regulator diodes

BZV85 Datasheet (HTML) - Nexperia B.V. All rights reserved


BZV85 Product details

Features
* Total power dissipation: max. 1.3 W
* Working voltage range:
nominal 3.3 V to 75 V (E24 range)
* Small hermetically sealed glass
package
* Tolerance series: approximately ±5 %
* Non-repetitive peak reverse power
dissipation: max. 60 W




Similar Part No. - BZV85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV85 PHILIPS-BZV85 Datasheet
53Kb / 8P
Voltage regulator diodes
1999 May 11
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
BZV85 GOOD-ARK-BZV85 Datasheet
34Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
NXP Semiconductors
BZV85 NXP-BZV85 Datasheet
276Kb / 10P
Voltage regulator diodes
Rev. 03-10 November 2009
BZV85-C10 PHILIPS-BZV85-C10 Datasheet
53Kb / 8P
Voltage regulator diodes
1999 May 11
More results


Similar Description - BZV85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
Voltage regulator diodes
1996 May 14
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
Voltage regulator diodes
2004 Mar 22
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C Datasheet
208Kb / 4P
VOLTAGE REGULATOR DIODES
logo
NXP Semiconductors
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B6V2,215 NXP-BZX84-B6V2,215 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
logo
Galaxy Semi-Conductor H...
BZD27C BILIN-BZD27C_15 Datasheet
202Kb / 4P
VOLTAGE REGULATOR DIODES
logo
Nexperia B.V. All right...
SZMM3Z_SER NEXPERIA-SZMM3Z_SER Datasheet
268Kb / 12P
Voltage regulator diodes
Rev. 3 - 20 February 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com