Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS3726-02 Datasheet (PDF) - Renesas Technology Corp

ICS3726-02 Datasheet PDF - Renesas Technology Corp
Part # ICS3726-02
Download  ICS3726-02 Download
File Size   334.55 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH PERFORMANCE VCXO

ICS3726-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS3726-02 Datasheet PDF - Renesas Technology Corp

Part # ICS3726-02
Download  ICS3726-02 Click to download

File Size   334.55 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH PERFORMANCE VCXO

ICS3726-02 Datasheet (HTML) - Renesas Technology Corp


ICS3726-02 Product details

Features
• Packaged in 8-pin SOIC
• Operational frequency range of 24 MHz to 36 MHz
• Uses an inexpensive external pullable crystal
• On-chip patented VCXO with pull range of ±115 ppm
• VCXO tuning voltage of 0 to 3.3 V
• Output Enable control
• 12 mA output drive capability at TTL levels
• Advanced, low-power, sub-micron CMOS process
• Available in Pb (lead) free package




Similar Part No. - ICS3726-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS3726-02 ICST-ICS3726-02 Datasheet
138Kb / 6P
HIGH PERFORMANCE VCXO
More results


Similar Description - ICS3726-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS3726-02 ICST-ICS3726-02 Datasheet
138Kb / 6P
HIGH PERFORMANCE VCXO
ICS3726-12 ICST-ICS3726-12 Datasheet
137Kb / 6P
HIGH PERFORMANCE VCXO
Revision 120505
logo
Golledge Electronics Lt...
GVXO36 GOLLEDGE-GVXO36 Datasheet
68Kb / 1P
5V VCXO High Frequency
GV93 GOLLEDGE-GV93 Datasheet
64Kb / 1P
HIGH FREQUENCY PECL VCXO
logo
List of Unclassifed Man...
FVO11AAH3 ETC2-FVO11AAH3 Datasheet
193Kb / 1P
HIGH FREQUENCY VCXO
FVO12AAH3A ETC2-FVO12AAH3A Datasheet
199Kb / 1P
HIGH PULLING VCXO
logo
Crystek Corporation
CVHD-931 CRYSTEKCRYSTAL-CVHD-931 Datasheet
122Kb / 2P
9X14 mm SMD, 3.3V, CMOS High Performance CMOS VCXO
logo
Connor-Winfield Corpora...
HV41-100 CONNOR-WINFIELD-HV41-100 Datasheet
91Kb / 2P
HIGH FREQUENCY VCXO
logo
SiTime Corp.
SIT3808 SITIME-SIT3808 Datasheet
629Kb / 16P
1 MHz to 80 MHz High Performance MEMS VCXO
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
5V High Performance VCXO
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com