Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS7152A Datasheet (PDF) - Renesas Technology Corp

ICS7152A Datasheet PDF - Renesas Technology Corp
Part # ICS7152A
Download  ICS7152A Download
File Size   363.26 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SPREAD SPECTRUM CLOCK GENERATOR

ICS7152A Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS7152A Datasheet PDF - Renesas Technology Corp

Part # ICS7152A
Download  ICS7152A Click to download

File Size   363.26 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SPREAD SPECTRUM CLOCK GENERATOR

ICS7152A Datasheet (HTML) - Renesas Technology Corp


ICS7152A Product details

Features
• Operating voltage of 3.3 V ±0.3 V
• Packaged in 8-pin SOIC
• Input frequency range of 16.6 to 134.0 MHz
• Output frequency range of 16.6 to 134.0 MHz
• Provides a spread spectrum clock output (±0.5%, ±1.5%
center spread; -1.0%, -3.0% down spread)
• Low cycle-to-cycle jitter - less than 100 ps
• Advanced, low-power CMOS process
• Industrial and commercial temperature ranges
• Pb (lead) free package, RoHS compliant
• Pin compatible with Fujitsu MB88152-102 and -111




Similar Part No. - ICS7152A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS7152A ICST-ICS7152A Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
ICS7152AM-02 ICST-ICS7152AM-02 Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
ICS7152AM-02LF ICST-ICS7152AM-02LF Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
ICS7152AM-02LFT ICST-ICS7152AM-02LFT Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
ICS7152AM-02T ICST-ICS7152AM-02T Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
More results


Similar Description - ICS7152A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88154 FUJITSU-MB88154 Datasheet
151Kb / 18P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com