Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS7152A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS7152A
Description  SPREAD SPECTRUM CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS7152A Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS7152A Datasheet HTML 1Page - Renesas Technology Corp ICS7152A Datasheet HTML 2Page - Renesas Technology Corp ICS7152A Datasheet HTML 3Page - Renesas Technology Corp ICS7152A Datasheet HTML 4Page - Renesas Technology Corp ICS7152A Datasheet HTML 5Page - Renesas Technology Corp ICS7152A Datasheet HTML 6Page - Renesas Technology Corp ICS7152A Datasheet HTML 7Page - Renesas Technology Corp ICS7152A Datasheet HTML 8Page - Renesas Technology Corp ICS7152A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATASHEET
SPREAD SPECTRUM CLOCK GENERATOR
ICS7152A
IDT™ / ICS™ SPREAD SPECTRUM CLOCK GENERATOR
1
ICS7152A
REV E 051310
Description
The ICS7152A-02 and -11 are clock generators for EMI
(Electromagnetic Interference) reduction (see below for
frequency ranges and multiplier ratios). Spectral peaks are
attenuated by modulating the system clock frequency.
Down or center spread profiles are selectable. Down
spread will not exceed the maximum frequency of an
unspread clock, and center spread does not change the
average operating frequency of the system
IDT offers many other clocks for computers and computer
peripherals. Consult IDT when you need to remove crystals
and oscillators from your board.
Features
• Operating voltage of 3.3 V ±0.3 V
• Packaged in 8-pin SOIC
• Input frequency range of 16.6 to 134.0 MHz
• Output frequency range of 16.6 to 134.0 MHz
• Provides a spread spectrum clock output (±0.5%, ±1.5%
center spread; -1.0%, -3.0% down spread)
• Low cycle-to-cycle jitter - less than 100 ps
• Advanced, low-power CMOS process
• Industrial and commercial temperature ranges
• Pb (lead) free package, RoHS compliant
• Pin compatible with Fujitsu MB88152-102 and -111
Block Diagram
Product Lineup
Product
Input Frequency Range
Modulation Type
Modulation Enable Pin
ICS7152AM-02, ICS7152AMI-02
40.0 MHz to 134.0 MHz
Down spread
Yes
ICS7152AM-11, ICS7152AMI-11
16.6 MHz to 67.0 MHz
Center spread
PLL Clock
Synthesis
and Spread
Spectrum
Circuitry
SEL
FREQ
CKOUT
GND
VDD
Clock Buffer/
Crystal
Ocsillator
XIN
XOUT
External caps required with crystal for
accurate tuning of the clock
XENS


Similar Part No. - ICS7152A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS7152A ICST-ICS7152A Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
ICS7152AM-02 ICST-ICS7152AM-02 Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
ICS7152AM-02LF ICST-ICS7152AM-02LF Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
ICS7152AM-02LFT ICST-ICS7152AM-02LFT Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
ICS7152AM-02T ICST-ICS7152AM-02T Datasheet
170Kb / 10P
Spread Spectrum Clock Generator
More results

Similar Description - ICS7152A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88154 FUJITSU-MB88154 Datasheet
151Kb / 18P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com