Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QD-2000 Datasheet (PDF) - List of Unclassifed Manufacturers

QD-2000 Datasheet PDF - List of Unclassifed Manufacturers
Part # QD-2000
Download  QD-2000 Download
File Size   2171.17 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED

QD-2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
QD-2000 Datasheet PDF - List of Unclassifed Manufacturers

Part # QD-2000
Download  QD-2000 Click to download

File Size   2171.17 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED

QD-2000 Datasheet (HTML) - List of Unclassifed Manufacturers


QD-2000 Product details

SEMI-RIGID, ADHESIVE LINED HEAT SHRINKABLE TUBING
FLAME RETARDANT SHRINK RATIO 4:1
Features/Applications
Specially designed to protect splices and joint of wire harness, and components
against environmental damage. 4:1 shrink ratio allows it to easily fit a wide range
of components, and thicker adhesive coated layer forms an effective barrier
against fluids and moisture.
Operating temperature: -40°C to +130°C
Minimum shrink temperature: 110°C
Minimum Full recovery temperature: 135°C
Meets: Flame Retardant and UV Resistant (Black only)
Standard colors: Black and Clear
RoHS Compliant




Similar Part No. - QD-2000

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
QD-229 ATM-QD-229 Datasheet
60Kb / 1P
OUTLINE, WR229 QUICK DISCONNECT
logo
Adam Technologies, Inc.
QD-250-12-10-FI ADAM-TECH-QD-250-12-10-FI Datasheet
59Kb / 1P
QUICK DISCONNECT TERMINAL FULLY INSULATED
QD-250-16-14-FI ADAM-TECH-QD-250-16-14-FI Datasheet
58Kb / 1P
QUICK DISCONNECT TERMINAL FULLY INSULATED
QD-250-20-16 ADAM-TECH-QD-250-20-16 Datasheet
60Kb / 1P
QUICK DISCONNECT TERMINAL
QD-250-22-18-F1 ADAM-TECH-QD-250-22-18-F1 Datasheet
58Kb / 1P
QUICK DISCONNECT TERMINAL FULLY INSULATED
More results


Similar Description - QD-2000

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q5-2X QUALTEK-Q5-2X_13 Datasheet
728Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-3X QUALTEK-Q5-3X_13 Datasheet
806Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-3XM QUALTEK-Q5-3XM_13 Datasheet
582Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-4X QUALTEK-Q5-4X_13 Datasheet
684Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-4XR QUALTEK-Q5-4XR_13 Datasheet
637Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-F3X QUALTEK-Q5-F3X_13 Datasheet
737Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-F4X QUALTEK-Q5-F4X_13 Datasheet
701Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
QRA-6X QUALTEK-QRA-6X_13 Datasheet
663Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
logo
List of Unclassifed Man...
QEC-150 ETC-QEC-150 Datasheet
350Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
QFR-135 ETC-QFR-135 Datasheet
550Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com