Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QEC-150 Datasheet (PDF) - List of Unclassifed Manufacturers

QEC-150 Datasheet PDF - List of Unclassifed Manufacturers
Part # QEC-150
Download  QEC-150 Download
File Size   350.71 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED

QEC-150 Datasheet (PDF)

Go To PDF Page Download Datasheet
QEC-150 Datasheet PDF - List of Unclassifed Manufacturers

Part # QEC-150
Download  QEC-150 Click to download

File Size   350.71 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED

QEC-150 Datasheet (HTML) - List of Unclassifed Manufacturers


QEC-150 Product details

ADHESIVE LI NED, SEMI-RIGID, CROSSLINKED POLYOLEFIN
HEAT SHRINKABLE TUBING FOR WIRING HARNESS SPLICE
AND TERMINAL, SHRINK RATIO 4:1
Features/Applications
Designed for high temperature automotive under hood harness and assemblies.
Seals and protects against water, moisture, and chemicals. Provides abrasion
protection and electrical insulation at a continuous operating temperature of
-40°C to +150°C.
Continuous Operating temperature: -40°C to +150°C
Minimum Full recovery temperature: 135°C
Standard colors: Black
RoHS Compliant




Similar Part No. - QEC-150

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QEC112 QT-QEC112 Datasheet
149Kb / 2P
GAAS INFRARED EMITTING DIODE
logo
Fairchild Semiconductor
QEC112 FAIRCHILD-QEC112 Datasheet
134Kb / 4P
PLASTIC INFRARED LIGHT EMITTING DIODE
QEC112 FAIRCHILD-QEC112 Datasheet
523Kb / 4P
Plastic Infrared Light Emitting Diode
QEC112 FAIRCHILD-QEC112_05 Datasheet
523Kb / 4P
Plastic Infrared Light Emitting Diode
logo
QT Optoelectronics
QEC113 QT-QEC113 Datasheet
149Kb / 2P
GAAS INFRARED EMITTING DIODE
More results


Similar Description - QEC-150

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q5-2X QUALTEK-Q5-2X_13 Datasheet
728Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-3X QUALTEK-Q5-3X_13 Datasheet
806Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-3XM QUALTEK-Q5-3XM_13 Datasheet
582Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-4X QUALTEK-Q5-4X_13 Datasheet
684Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-4XR QUALTEK-Q5-4XR_13 Datasheet
637Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-F3X QUALTEK-Q5-F3X_13 Datasheet
737Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
Q5-F4X QUALTEK-Q5-F4X_13 Datasheet
701Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
QRA-6X QUALTEK-QRA-6X_13 Datasheet
663Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
logo
List of Unclassifed Man...
QD-2000 ETC-QD-2000 Datasheet
2Mb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
QFR-135 ETC-QFR-135 Datasheet
550Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL - ADHESIVE LINED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com