Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP135AJBU3 Datasheet (PDF) - FSP TECHNOLOGY INC.

FSP135AJBU3 Datasheet PDF - FSP TECHNOLOGY INC.
Part # FSP135AJBU3
Download  FSP135AJBU3 Download
File Size   526.89 Kbytes
Page   3 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description 90W 19V Adapter

FSP135AJBU3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSP135AJBU3 Datasheet PDF - FSP TECHNOLOGY INC.

Part # FSP135AJBU3
Download  FSP135AJBU3 Click to download

File Size   526.89 Kbytes
Page   3 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description 90W 19V Adapter

FSP135AJBU3 Datasheet (HTML) - FSP TECHNOLOGY INC.


FSP135AJBU3 Product details

FEATURES
‧Certified IEC 62368 1 & C B 60950 1
‧Meet USA EIS A 2007
‧Meet Energy Efficiency DOE Leve l VI
‧Meet Code of Conduct Version 5 Tie r 2
‧High Reliability
‧Low Profile
‧Over Curren t Protection
‧Over Temperatur e Protection
‧Over Voltag e Protection
‧With PF C Circuit




Similar Part No. - FSP135AJBU3

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP135-ABAN2 SPI-FSP135-ABAN2 Datasheet
593Kb / 5P
AC-DC POWER SUPPLY
logo
FSP TECHNOLOGY INC.
FSP135-AJBU3 FSP-FSP135-AJBU3 Datasheet
178Kb / 3P
120W Adapter
2021.04
FSP135-KAAM1 FSP-FSP135-KAAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KDAM1 FSP-FSP135-KDAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KEAM1 FSP-FSP135-KEAM1 Datasheet
126Kb / 1P
Medical PSU
More results


Similar Description - FSP135AJBU3

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
STD-1207 VOLGEN-STD-1207 Datasheet
113Kb / 2P
ADAPTER - 90W
logo
Cirrus Logic
CRD1500-FB CIRRUS-CRD1500-FB Datasheet
78Kb / 1P
90W, 19V Power Adaptor Demo Design Using the CS1500 Digital Power Factor Correction IC
logo
AAEON Technology
1757912001 AAEON-1757912001 Datasheet
130Kb / 1P
Output Voltage: 19V
logo
MicroPower Direct, LLC
LDC-80 MPD-LDC-80 Datasheet
1Mb / 4P
90W Output Power
logo
FSP TECHNOLOGY INC.
FSP150-AJBU3 FSP-FSP150-AJBU3 Datasheet
269Kb / 3P
150W 19V Adapter
2021.04
FSP180-AJBU3 FSP-FSP180-AJBU3 Datasheet
269Kb / 3P
180W 19V Adapter
2021.04
logo
Lite-On Technology Corp...
PA-1151-08E LITEON-PA-1151-08E Datasheet
304Kb / 3P
Industrial Adapter 19V Series
PA-1900-88 LITEON-PA-1900-88 Datasheet
311Kb / 3P
Industrial Adapter 19V Series
logo
Ningbo Leison Motor Co....
LS-5IK90-5GU NINGBO-LS-5IK90-5GU Datasheet
959Kb / 1P
Induction Motor 90W
LS-Z5D90-5GU NINGBO-LS-Z5D90-5GU Datasheet
778Kb / 1P
DC Motor 90W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com