Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRN-360 Datasheet (PDF) - Integrated Power Designs Inc.

GRN-360 Datasheet PDF - Integrated Power Designs Inc.
Part # GRN-360
Download  GRN-360 Download
File Size   341.94 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description GRN-360 SINGLE OUTPUT AC-DC

GRN-360 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRN-360 Datasheet PDF - Integrated Power Designs Inc.

Part # GRN-360
Download  GRN-360 Click to download

File Size   341.94 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description GRN-360 SINGLE OUTPUT AC-DC

GRN-360 Datasheet (HTML) - Integrated Power Designs Inc.


GRN-360 Product details

FEATURES:
 Compact 3.0” x 5.0” x 1.49” size
 3 Year Warranty
 Universal 85-264V Input
 Single Output
 94% Peak/93% Average Efficiency
 <500mW Standby Input Power
 -20 to +70C Operating Temperature
 IEC 60601-1 3rd ed. Medical Cert.
 IEC 62368-1 2nd ed. Certification
 IEC 60601-1-2 4th ed. EMC
 Class B Emissions per EN55011/32
 Optional Chassis/Cover
 Optional Fan supply 12V/0.6A
 RoHS Compliant




Similar Part No. - GRN-360

ManufacturerPart #DatasheetDescription
logo
Integrated Power Design...
GRN-110-1001 IPDPOWER-GRN-110-1001 Datasheet
401Kb / 2P
110 WATTS SINGLE OUTPUT AC-DC
GRN-110-1002 IPDPOWER-GRN-110-1002 Datasheet
401Kb / 2P
110 WATTS SINGLE OUTPUT AC-DC
GRN-110-1003 IPDPOWER-GRN-110-1003 Datasheet
401Kb / 2P
110 WATTS SINGLE OUTPUT AC-DC
GRN-110-1004 IPDPOWER-GRN-110-1004 Datasheet
401Kb / 2P
110 WATTS SINGLE OUTPUT AC-DC
GRN-110-1005 IPDPOWER-GRN-110-1005 Datasheet
401Kb / 2P
110 WATTS SINGLE OUTPUT AC-DC
More results


Similar Description - GRN-360

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SWG10 ARTESYN-SWG10 Datasheet
43Kb / 2P
DC/AC single output ring generator
logo
Power-One
MPB125-1012 POWER-ONE-MPB125-1012 Datasheet
96Kb / 4P
Single-Output AC-DC
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Make-Ps
CFM05M MAKE-PS-CFM05M Datasheet
391Kb / 2P
Single Output AC/DC Converter
PPM MAKE-PS-PPM Datasheet
209Kb / 4P
Single Output AC/DC Converter
logo
Artesyn Technologies
LPS363-M ARTESYN-LPS363-M Datasheet
852Kb / 3P
360 Watt AC-DC Power Supply
logo
Integrated Power Design...
GRN-60 IPDPOWER-GRN-60 Datasheet
361Kb / 2P
SINGLE OUTPUT AC-DC
REV. Y 10/6/2022
logo
TRACO Electronic AG
TXH360 TRACOPOWER-TXH360 Datasheet
3Mb / 4P
AC/DC Power Supply TXH 360 Series, 360 Watt
Rev. October 21, 2020
logo
Marathon Special Produc...
145X573 MARATHON-145X573 Datasheet
120Kb / 3P
360 Amps 600 Volts AC/DC
REV-H 1/12/18
145X583 MARATHON-145X583 Datasheet
119Kb / 3P
360 Amps 600 Volts AC/DC
REV-I 1/12/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com