Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRN-60 Datasheet (PDF) - Integrated Power Designs Inc.

GRN-60 Datasheet PDF - Integrated Power Designs Inc.
Part # GRN-60
Download  GRN-60 Download
File Size   361.66 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description SINGLE OUTPUT AC-DC

GRN-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRN-60 Datasheet PDF - Integrated Power Designs Inc.

Part # GRN-60
Download  GRN-60 Click to download

File Size   361.66 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description SINGLE OUTPUT AC-DC

GRN-60 Datasheet (HTML) - Integrated Power Designs Inc.


GRN-60 Product details

FEATURES:
• Compact 2.0” x 3.0” x 1.0” Size
• 3 Year Warranty
• Universal 85-264V Input
• Single Output
• 90% Peak Efficiency
• 87% Average Efficiency
• <300mW No Load Input Power
• IEC 60601-1 3rd ed. Medical Cert.
• IEC 62368-1 2nd ed. Certification
• IEC 60601-1-2 4th ed. EMC
• Class B Emissions per EN55011/32
• 0-70°C Operating Temperature
• RoHS Compliant
• Optional Chassis/Cover




Similar Part No. - GRN-60

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GRN-6148 AMPHENOL-GRN-6148 Datasheet
219Kb / 2P
Measurement range: 8.5% - 36.8%
More results


Similar Description - GRN-60

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SWG10 ARTESYN-SWG10 Datasheet
43Kb / 2P
DC/AC single output ring generator
SWG30 ARTESYN-SWG30 Datasheet
46Kb / 3P
DC/AC single output ring generator
logo
Power-One
MPB125-1012 POWER-ONE-MPB125-1012 Datasheet
96Kb / 4P
Single-Output AC-DC
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Make-Ps
CFM05M MAKE-PS-CFM05M Datasheet
391Kb / 2P
Single Output AC/DC Converter
PPM MAKE-PS-PPM Datasheet
209Kb / 4P
Single Output AC/DC Converter
logo
Delta Electronics, Inc.
AA07S DELTA-AA07S Datasheet
213Kb / 4P
7W Single Output AC/DC converter
logo
Integrated Power Design...
GRN-360 IPDPOWER-GRN-360 Datasheet
341Kb / 2P
GRN-360 SINGLE OUTPUT AC-DC
REV. KKL 10/7/2022
NXT-175 IPDPOWER-NXT-175 Datasheet
431Kb / 2P
175 WATTS SINGLE OUTPUT AC-DC
NXT-400-FN IPDPOWER-NXT-400-FN Datasheet
322Kb / 2P
400 WATTS SINGLE OUTPUT AC-DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com