Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D5293 Datasheet (PDF) - G.M. International

D5293 Datasheet PDF - G.M. International
Part # D5293
Download  D5293 Download
File Size   151.74 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL3 Relay Out Module for 5 A NE Loads with LFD

D5293 Datasheet (PDF)

Go To PDF Page Download Datasheet
D5293 Datasheet PDF - G.M. International

Part # D5293
Download  D5293 Click to download

File Size   151.74 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description SIL3 Relay Out Module for 5 A NE Loads with LFD

D5293 Datasheet (HTML) - G.M. International


D5293 Product details

FEATURES
SIL 3 / SC 3 for NE loads with NE driver
SIL 2 / SC 3 for FAULT OUTPUTS
Installation in Zone 2/Div. 2
Up to 5 A functional / 6 A inrush current
Load disconnection on both supply lines available
Compatible with DCS/PLC pulse testing
Line & Load short/open circuit detection
Load voltage monitoring
Field fault mirroring to the PLC DO
Modbus RTU RS-485 for monitor & configuration
Service contact available
Input/Output/Supply isolation




Similar Part No. - D5293

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5290 GMI-D5290 Datasheet
134Kb / 2P
SIL3 Relay Out Module for 10 A NE Loads
logo
Nell Semiconductor Co.,...
D5290E NELLSEMI-D5290E Datasheet
227Kb / 5P
High voltage ratings up to 3000V
logo
G.M. International
D5290S GMI-D5290S Datasheet
134Kb / 2P
SIL3 Relay Out Module for 10 A NE Loads
D5291 GMI-D5291 Datasheet
148Kb / 2P
SIL3 Relay Out Module for 10 A ND Loads
D5291S GMI-D5291S Datasheet
148Kb / 2P
SIL3 Relay Out Module for 10 A ND Loads
More results


Similar Description - D5293

ManufacturerPart #DatasheetDescription
logo
G.M. International
D5090 GMI-D5090 Datasheet
132Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads
D5091 GMI-D5091 Datasheet
147Kb / 2P
SIL3 Relay Out Module for 5 A ND Loads
D5094 GMI-D5094 Datasheet
130Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads
D5095 GMI-D5095 Datasheet
130Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads
D5096 GMI-D5096 Datasheet
140Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
D5097 GMI-D5097 Datasheet
140Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
D5098 GMI-D5098 Datasheet
158Kb / 2P
SIL3 Relay Out Module for 5 A NE Loads
D5290 GMI-D5290 Datasheet
134Kb / 2P
SIL3 Relay Out Module for 10 A NE Loads
D5294 GMI-D5294 Datasheet
153Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
D5295 GMI-D5295 Datasheet
152Kb / 2P
SIL3 Relay Out Module for 5 A NE/ND Loads with LFD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com