Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL-3000 Datasheet (PDF) - COTEK ELECTRONIC IND. CO., LTD

SL-3000 Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD
Part # SL-3000
Download  SL-3000 Download
File Size   210.85 Kbytes
Page   2 Pages
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Description 3000W Inverter / Charger

SL-3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL-3000 Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD

Part # SL-3000
Download  SL-3000 Click to download

File Size   210.85 Kbytes
Page   2 Pages
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Description 3000W Inverter / Charger

SL-3000 Datasheet (HTML) - COTEK ELECTRONIC IND. CO., LTD


SL-3000 Product details

Features:
The unit is equipped with a self diagnosis microprocessor
that is able to identify and show all failure messages on
the LED/LCD display, with associated visual/audio alarms
Can use parallel with the grid AC
Battery charger current 125A max. @12VDC
Equalization function for the batteries.
Built in 50A rated bypass switch.
Power sharing functions.
Intelligent software for power management
Hard-wire connection model option.
Loading and temperature controlled cooling fan
Local and remote management and control
RS-232 communication
By a dry contact terminal
Advanced protection features :
DC input over/under voltage protection
Internal over temperature, battery over temperature and heat sink over temperature
Inverter AC output overload protection
Inverter AC output short circuit protection
AC input short circuit protection: Breaker (50Amp)
AC input under / over voltage protection




Similar Part No. - SL-3000

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SL-300-600 XPPOWER-SL-300-600 Datasheet
166Kb / 2P
Industrial (SL) & Medical (SLM) Versions
More results


Similar Description - SL-3000

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TN-3000 MEANWELL-TN-3000 Datasheet
1Mb / 4P
3000W True Sine Wave DC-AC Inverter with Solar Charger
TS-3000 MEANWELL-TS-3000 Datasheet
828Kb / 2P
3000W True Sine Wave DC-AC Power Inverter
TN-3000 MEANWELL-TN-3000_11 Datasheet
1Mb / 4P
3000W True Sine Wave DC-AC Inverter with Solar Charger
TS-3000_1012 MEANWELL-TS-3000_1012 Datasheet
829Kb / 2P
3000W True Sine Wave DC-AC Inverter
TN-3000_1105 MEANWELL-TN-3000_1105 Datasheet
1Mb / 4P
3000W True Sine Wave DC-AC Inverter with Solar Charger
TS-3000 MEANWELL-TS-3000_11 Datasheet
829Kb / 2P
3000W True Sine Wave DC-AC Inverter
TS-3000 MEANWELL-TS-3000_12 Datasheet
864Kb / 2P
3000W True Sine Wave DC-AC Inverter
logo
List of Unclassifed Man...
PV3000HF ETC2-PV3000HF Datasheet
515Kb / 5P
PowerVerter짰 3000W Compact Inverter with 4 Outlets
logo
COTEK ELECTRONIC IND. C...
SL-2000 COTEK-SL-2000 Datasheet
210Kb / 2P
2000W Inverter / Charger
20/11/12
SP-3000 COTEK-SP-3000 Datasheet
179Kb / 2P
3000W Pure Sine Wave Inverter
20/10/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com