Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL-2000 Datasheet (PDF) - COTEK ELECTRONIC IND. CO., LTD

SL-2000 Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD
Part # SL-2000
Download  SL-2000 Download
File Size   210.89 Kbytes
Page   2 Pages
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Description 2000W Inverter / Charger

SL-2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL-2000 Datasheet PDF - COTEK ELECTRONIC IND. CO., LTD

Part # SL-2000
Download  SL-2000 Click to download

File Size   210.89 Kbytes
Page   2 Pages
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD
Description 2000W Inverter / Charger

SL-2000 Datasheet (HTML) - COTEK ELECTRONIC IND. CO., LTD


SL-2000 Product details

Features:
The unit is equipped with a self diagnosis microprocessor
that is able to identify and show all failure messages on
the LED/LCD display, with associated visual/audio alarms
Can use parallel with the grid AC
Battery charger current 100A max. @12VDC
Equalization function for the batteries.
Built in 50A rated bypass switch.
Power sharing functions.
Intelligent software for power management
Hard-wire connection model option.
Loading and temperature controlled cooling fan
Local and remote management and control
RS-232 communication
By a dry contact terminal
Advanced protection features :
DC input over/under voltage protection
Internal over temperature, battery over temperature and heat sink over temperature
Inverter AC output overload protection
Inverter AC output short circuit protection
AC input short circuit protection: Breaker (50Amp)
AC input under / over voltage protection




Similar Part No. - SL-2000

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SL-20 COOPER-SL-20 Datasheet
147Kb / 2P
Rejection base plug fuses ??time-delay,
logo
Eaton All Rights Reserv...
SL-20 EATON-SL-20 Datasheet
147Kb / 2P
Rejection base plug fuses ??time-delay, 125 volts, 15-30 amps
More results


Similar Description - SL-2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS2012 ETC2-APS2012 Datasheet
516Kb / 6P
PowerVerter짰 APS 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
APSINT2012 ETC2-APSINT2012 Datasheet
504Kb / 4P
PowerVerter짰 APS INT Series 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
PV2000FC ETC2-PV2000FC Datasheet
515Kb / 5P
PowerVerter짰 Plus 2000W Industrial-Strength Inverter with 2 Outlets
TC-2000RHN4 ETC2-TC-2000RHN4 Datasheet
281Kb / 17P
2000W Redundant Power Supply
logo
TECHNOLOGY ASSISTANCE B...
NTDM-BC-54 TAB-NTDM-BC-54 Datasheet
1Mb / 2P
2000W BATTERY CHARGER 137V 14.5A
logo
Tripp Lite. All Rights ...
APSINT2012 TRIPPLITE-APSINT2012 Datasheet
170Kb / 5P
2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
logo
Shanghai Leiditech Elec...
2.0SMB LEIDITECH-2.0SMB Datasheet
798Kb / 6P
Surface Mount - 2000W
logo
COTEK ELECTRONIC IND. C...
SC-2000 COTEK-SC-2000 Datasheet
1Mb / 7P
2000W Pure Sine Wave Inverter / Charger
21/09/01
SL-3000 COTEK-SL-3000 Datasheet
210Kb / 2P
3000W Inverter / Charger
20/11/12
SP-2000 COTEK-SP-2000 Datasheet
129Kb / 2P
2000W Pure Sine Wave Inverter
20/10/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com