Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL-2000 Datasheet(PDF) 2 Page - COTEK ELECTRONIC IND. CO., LTD

Part # SL-2000
Description  2000W Inverter / Charger
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTEK [COTEK ELECTRONIC IND. CO., LTD]
Direct Link  https://www.cotek.com.tw/
Logo COTEK - COTEK ELECTRONIC IND. CO., LTD

SL-2000 Datasheet(HTML) 2 Page - COTEK ELECTRONIC IND. CO., LTD

  SL-2000 Datasheet HTML 1Page - COTEK ELECTRONIC IND. CO., LTD SL-2000 Datasheet HTML 2Page - COTEK ELECTRONIC IND. CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2000W Inverter / Charger
SL-2000 series
Default is open, Use may connect neutral to ground at inverter mode if necessary,
as ground relay is included in SL series
Ground Relay
Certified FCC Class B
EMC Standards
Safety & EMS
283x128.4x496 mm / 11.146x5.056x19.527 inch
Net Weight
Dimension (WxHxD)
Mechanical Spectification
17.6 kg / 38.71Lbs
321x203x349 mm / 12.638x7.992x13.74 inch
Dimension (WxHxD)
Certified UL458 & Supplement SA
Safety Standards
Mechanical Drawings:
Unit mm [inch
Electical
SL-2000-112
Specification Item
Operating TemperatureRange
-30 ~ 70°C
60W /
41 ~ 60°C (Tentative)
°C, -
-20 ~ 40°C
Sensor On Transformer, MOSFETs, Battery, and Internal ambient
Storage
Full Load
Power De-rating
Over-temperature Protection
0 ~ 95%Non-condensing
Operating Humidity Range
REV. A3
20/11/12
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com