Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE Datasheet (PDF) - Panasonic Semiconductor

TLE Datasheet PDF - Panasonic Semiconductor
Part # TLE
Download  TLE Download
File Size   805.1 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Conductive Polymer Tantalum Solid Capacitors

TLE Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE Datasheet PDF - Panasonic Semiconductor

Part # TLE
Download  TLE Click to download

File Size   805.1 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Conductive Polymer Tantalum Solid Capacitors

TLE Datasheet (HTML) - Panasonic Semiconductor


TLE Product details

Features
● 125 ℃ 2000 h
● Small size (L 3.5 × W 2.8 × H 1.9 mm)
● RoHS compliance, Halogen free




Similar Part No. - TLE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE 232GP INFINEON-TLE 232GP Datasheet
420Kb / 20P
Smart Six Channel Low-Side Switch
V2.3 2009-11-18
TLE 4275 D V33 INFINEON-TLE 4275 D V33 Datasheet
193Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.1, 2015-01-15
TLE 4275 G V33 INFINEON-TLE 4275 G V33 Datasheet
193Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.1, 2015-01-15
logo
List of Unclassifed Man...
TLE-1105-A-F100-Q ETC2-TLE-1105-A-F100-Q Datasheet
239Kb / 3P
TACT SWITCHES - 6mm x 6mm
TLE-1105-A-F100-R ETC2-TLE-1105-A-F100-R Datasheet
239Kb / 3P
TACT SWITCHES - 6mm x 6mm
More results


Similar Description - TLE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETCE680MCL PANASONIC-ETCE680MCL Datasheet
57Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
16TDC33MYFB PANASONIC-16TDC33MYFB Datasheet
468Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
2R5TAE220M9 PANASONIC-2R5TAE220M9 Datasheet
490Kb / 6P
Conductive Polymer Tantalum Solid Capacitors
6TVE150M PANASONIC-6TVE150M Datasheet
430Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
ETPH100MHA PANASONIC-ETPH100MHA Datasheet
387Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
2TPE330MFB PANASONIC-2TPE330MFB_V01 Datasheet
295Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
TPE PANASONIC-TPE Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE330MA9EL PANASONIC-6TPE330MA9EL Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
8TPE100MAZB PANASONIC-8TPE100MAZB Datasheet
295Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
073020 PANASONIC-073020 Datasheet
501Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
30-Jul-20
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com