Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # TLE
Description  Conductive Polymer Tantalum Solid Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TLE Datasheet(HTML) 1 Page - Panasonic Semiconductor

  TLE Datasheet HTML 1Page - Panasonic Semiconductor TLE Datasheet HTML 2Page - Panasonic Semiconductor TLE Datasheet HTML 3Page - Panasonic Semiconductor TLE Datasheet HTML 4Page - Panasonic Semiconductor TLE Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
● 125 ℃ 2000 h
● Small size (L 3.5 × W 2.8 × H 1.9 mm)
● RoHS compliance, Halogen free
R.voltage code
Unit
:V
R.capacitance code
Unit
:μF
Unit
:mm
* Externals of figure are the reference.
*1: Ripple current (100 kHz / +45
℃)
*2: ESR (100 kHz / +20
℃)
*3: tan δ (120 Hz / +20
℃)
*4: After 5 minutes
◆ Please refer to each page in this catarog for “Reflow conditions” ,“Taping specifications” and "Floor life level" .
Capacitance tolerance
Conductive Polymer Tantalum
Solid Capacitors
Surface Mount Type
TLE series
Features
e
2.5
A8
100
Specifications
Marking
Dimensions (not to scale)
–55
℃ to +125 ℃
Size code
Category temp. range
B2
±20 % (120 Hz / +20
℃)
Leakage current
Please see the attached characteristics list
Dissipation factor(tan δ)
Please see the attached characteristics list
Surge voltage (V)
Rated voltage × 1.15
Characteristics list
Rated
voltage
(V)
Ripple*1
current
(mA rms)
ESR*2
(mΩ max.)
j
6.3
N8
Rated volt. range
Category volt. range
Rated cap. range
100 μF to 330 μF
2.0 V to 5.0 V
2.5 V to 6.3 V
Dissipation factor(tan δ)
≦ 1.5 times of the initial limit
Endurance
+125
℃ 2000 h category voltage applied
Capacitance change
Within ±20 % of the initial value
Dissipation factor(tan δ)
≦
1.5 times of the initial limit
Leakage current
≦
3 times of the initial limit
Capacitance change
1.9
0.8
2.2
2.8
B2
Leakage current
≦ 3 times of the initial limit
Damp heat
(Steady State)
+60
℃, 90 % to 95 % RH, 500 h, No-applied voltage
Within +40 % (ETLE30MCGB:+50 %) , −20 % of the initial value
S±0.2
L±0.2 W±0.2
3.5
Size code
H±0.1
W1±0.1
330
Should a safety concern arise regarding this product, please be sure to contact us immediately.
09-Jul-21
Rated
temper-
ature
(
℃)
Cate-
gory
voltage
(V)
Cate-
gory
temper-
ature
(
℃)
Rated
capaci-
tance
(μF)
Case size
Size
code
Reflow
temp
≦250℃
105
2.0
125
330
3.5 2.8 1.9 B2 2770
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
ETLE330MCGB
2000
Specifications
Standard
6.3
Reflow
temp
≦260℃
L
W
H
3
3
105
5.0
125
100
3.5 2.8 1.9
1400
35
0.08
126.0
6TLE100MZB
2000
12
/300kHz 0.08
165.0
tan δ*3
LC*4
(μA)
Part number
Min.
packaging
q'ty
(pcs)
Floor life
2.5
(mm)
level
Rated capacitance code
Rated voltage code
Polarity marking (+)
Lot. No.
NEW
L
S
S
W1


Similar Part No. - TLE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE 232GP INFINEON-TLE 232GP Datasheet
420Kb / 20P
Smart Six Channel Low-Side Switch
V2.3 2009-11-18
TLE 4275 D V33 INFINEON-TLE 4275 D V33 Datasheet
193Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.1, 2015-01-15
TLE 4275 G V33 INFINEON-TLE 4275 G V33 Datasheet
193Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.1, 2015-01-15
logo
List of Unclassifed Man...
TLE-1105-A-F100-Q ETC2-TLE-1105-A-F100-Q Datasheet
239Kb / 3P
TACT SWITCHES - 6mm x 6mm
TLE-1105-A-F100-R ETC2-TLE-1105-A-F100-R Datasheet
239Kb / 3P
TACT SWITCHES - 6mm x 6mm
More results

Similar Description - TLE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETCE680MCL PANASONIC-ETCE680MCL Datasheet
57Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
16TDC33MYFB PANASONIC-16TDC33MYFB Datasheet
468Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
2R5TAE220M9 PANASONIC-2R5TAE220M9 Datasheet
490Kb / 6P
Conductive Polymer Tantalum Solid Capacitors
6TVE150M PANASONIC-6TVE150M Datasheet
430Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
ETPH100MHA PANASONIC-ETPH100MHA Datasheet
387Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
2TPE330MFB PANASONIC-2TPE330MFB_V01 Datasheet
295Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
TPE PANASONIC-TPE Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE330MA9EL PANASONIC-6TPE330MA9EL Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
8TPE100MAZB PANASONIC-8TPE100MAZB Datasheet
295Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
073020 PANASONIC-073020 Datasheet
501Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
30-Jul-20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com